Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2012SGC Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AP2012SGC
Description  2.0 x 1.25 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AP2012SGC Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AP2012SGC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SGC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SGC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SGC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAA4050 / 1203000170 Rev No: V.14B Date: 03/11/2019
Page 1 / 4
DESCRIPTION
The Super Bright Green source color devices are
made with Gallium Phosphide Green Light Emitting
Diode
FEATURES
2.0 mm x 1.25 mm SMD LED, 1.1 mm thickness
Low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
PACKAGE DIMENSIONS
AP2012SGC
2.0 x 1.25 mm SMD Chip LED Lamp
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AP2012SGC
Super Bright Green (GaP)
Water Clear
5
160
°
12
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - AP2012SGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012SGC KINGBRIGHT-AP2012SGC Datasheet
92Kb / 4P
2.0 X 1.2MM SMD CHIP LED LAMP
AP2012SGC KINGBRIGHT-AP2012SGC Datasheet
112Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - AP2012SGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHBM2012SURKZGKC KINGBRIGHT-APHBM2012SURKZGKC Datasheet
318Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHBM2012LVBDSEKJ3C TO-GRACE-APHBM2012LVBDSEKJ3C Datasheet
919Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
KP-2012SECK TO-GRACE-KP-2012SECK Datasheet
854Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APHCM2012ZGCK-F01 TO-GRACE-APHCM2012ZGCK-F01 Datasheet
842Kb / 4P
2.0 x 1.25 mm SMD CHIP LED LAMP
APT2012LSECK-J4-PRV TO-GRACE-APT2012LSECK-J4-PRV Datasheet
789Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SGC TO-GRACE-APT2012SGC Datasheet
794Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SURCK TO-GRACE-APT2012SURCK Datasheet
799Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
KPHBM-2012SURKCGKC TO-GRACE-KPHBM-2012SURKCGKC Datasheet
970Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com