Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2012SGC Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AP2012SGC
Description  2.0 x 1.25 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AP2012SGC Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AP2012SGC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SGC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SGC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AP2012SGC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAA4050 / 1203000170 Rev No: V.14B Date: 03/11/2019
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
AP2012SGC
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Super Bright Green
565
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Super Bright Green
568
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Super Bright Green
30
-
nm
Capacitance
C
Super Bright Green
15
-
pF
Forward Voltage IF = 20mA
VF
[2]
Super Bright Green
2.2
2.5
V
Reverse Current (VR = 5V)
IR
Super Bright Green
-
10
µA
Temperature Coefficient of λpeak
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλpeak
Super Bright Green
0.12
-
nm/°C
Temperature Coefficient of λdom
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλdom
Super Bright Green
0.08
-
nm/°C
Temperature Coefficient of VF
IF = 20mA, -10°C ≤ T ≤ 85°C
TCV
Super Bright Green
-2
-
mV/°C
Parameter
Symbol
Value
Unit
Power Dissipation
PD
62.5
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
110
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
25
mA
Peak Forward Current
IFM
[1]
140
mA
Electrostatic Discharge Threshold (HBM)
-
8000
V
Thermal Resistance (Junction / Ambient)
Rth JA
[2]
390
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[2]
240
°C/W
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Rth JA ,Rth JS Results from mounting on PC board FR4 (pad size ≥ 16 mm
2 per pad).
3. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com