Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS620AR Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS620AR
Description  Low Cost Low Power Instrumentation Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS620AR Datasheet(HTML) 2 Page - JSC ALFA.

  AS620AR Datasheet HTML 1Page - JSC ALFA. AS620AR Datasheet HTML 2Page - JSC ALFA. AS620AR Datasheet HTML 3Page - JSC ALFA. AS620AR Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS
“АLFA RPAR”
AS620
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2
SPECIFICATION
Table 1.
Vs = ±16.5 V, VREF = 0 V, TA = +25ºC, G = 1, RL = 2 kΩ, unless otherwise noted.
Parameter,
Symbol
Conditions
AS620A
AS620B
Unit
Min
Max
Min
Max
GAIN
G= 1 + (49,4 kΩ/RG)
Gain Range, V/V
T = +25ºC
1
1000
1
1000
Gain Error¹)
VOUT = ±10 V, Vs = ±15 V
G=1 ,%
GE0
T = +25ºC
0,1
0,02
Overtemperature
T = -45ºC to +85ºC
0,2
0,12
G=10, G=100 ,%
GE1, GE2
T = +25ºC
0,3
0,15
Overtemperature
T = -45ºC to +85ºC
0,8
0,5
G=1000 ,%
GE3
T = +25ºC
0,7
0,5
Overtemperature
T = -45ºC to +85ºC
1,2
1,0
Gain Nonlinearity
DL
VOUT = -10 V to +10 V
Vs = ±15 V
G=1, G=10
RL = 2 kΩ
15
15
G=100
RL = 2 kΩ
30
30
G=1000
RL = 10 kΩ
95
40
VOLTAGE OFFSET
Total VOS = VOSI + VOSO/G
Input Offset, μV
VOSI
Vs = ±4,5 V to ± 16,5 V
125
50
Overtemperature
T = -45ºC to +85ºC
185
85
Average TC, μV/ºC
1
0,6
Output Offset, μV
VOSO1
Vs = ± 16,5 V
1000
500
VOSO2
Vs = ±4,5 V
1500
750
Overtemperature
Vs = ±4,5 V to ± 16,5 V
2000
1000
Average TC, μV/ºC
15
7
Offset RTI vs. Supply, dB
PSR
Vs = ±2,3 V to ± 18 V
G=1
80
80
G=10
95
100
G=100, G=1000
110
120
INPUT CURRENT
Input Bias Current,nA
IBIAS
T = +25ºC
1,5
0,8
Overtemperature
T = -45ºC to +85ºC
2,5
1,5
Input Offset Current,nA
IOS
T = +25ºC
1,0
0,5
Overtemperature
T = -45ºC to +85ºC
1,5
0,75
Input Voltage Range, V ²)
IVR
Vs = ±2,3 V to ± 4,5 V
-Vs + 1,9
+Vs - 1,2
-Vs + 1,9
+Vs -1,2
Overtemperature
T = -45ºC to +85ºC
-Vs + 2,1
+Vs - 1,3
-Vs + 2,1
+Vs - 1,3
Vs= ±4,5 V to ± 16,5 V
-Vs + 1,9
+Vs - 1,4
-Vs + 1,9
+Vs - 1,4
Overtemperature
T= -45ºC to +85ºC
-Vs + 2,1
+Vs - 1,4
-Vs + 2,1
+Vs - 1,4
REFERFNCE INPUT
Reference Input Current,
μA
IIN
VIN+, VREF = 0
60
60
Voltage Range, V
VR
-Vs + 1,6
+Vs - 1,6
-Vs + 1,6
+Vs - 1,6
Gain to Output Error,
ppm
GtO
200
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com