Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS620AR Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS620AR
Description  Low Cost Low Power Instrumentation Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS620AR Datasheet(HTML) 3 Page - JSC ALFA.

  AS620AR Datasheet HTML 1Page - JSC ALFA. AS620AR Datasheet HTML 2Page - JSC ALFA. AS620AR Datasheet HTML 3Page - JSC ALFA. AS620AR Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AS
“АLFA RPAR”
AS620
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
3
OUTPUT
Output Swing, V
Osw1
RL=10 kΩ, Vs=±2,3 V
-Vs + 1,1
+Vs - 1,2
-Vs + 1,1
+Vs - 1,2
Overtemperature
T = -45ºC to +85ºC
-Vs + 1,4
+Vs - 1,3
-Vs + 1,4
+Vs - 1,3
Osw2
RL=10 kΩ, Vs =±4,5 V
-Vs + 1,1
+Vs - 1,2
-Vs + 1,1
+Vs - 1,2
Overtemperature
T = -45ºC to +85ºC
-Vs + 1,4
+Vs - 1,3
-Vs + 1,4
+Vs - 1,3
Osw3
RL=10 kΩ, Vs=±18 V
-Vs + 1,2
+Vs - 1,4
-Vs + 1,2
+Vs - 1,4
Overtemperature
T = -45ºC to +85ºC
-Vs + 1,6
+Vs - 1,5
-Vs + 1,6
+Vs - 1,5
Common-Mode
Rejection
Ratio DC to 60 Hz with 1 kΩ
Source Imbalance
G=1
CMRR
VCM = 0 V to ± 10 V
73
80
G=10
VCM = 0 V to ± 10 V
93
100
G=100, G=1000
VCM = 0 V to ± 10 V
110
120
NOISE
Voltage Noise, 1 kHz
Total RTI Noise = √((e²ni)+(eno/G)²)
Input Voltage Noise,
nV/√Hz
eni
13
13
Output Voltage Noise,
nV/√Hz
eno
100
100
RTI, μV p-p
G=1
f = 0,1 Hz to 10 Hz
6,0
6,0
G=10
f = 0,1 Hz to 10 Hz
0,8
0,8
G=100÷1000
f = 0,1 Hz to 10 Hz
0,4
0,4
Slew Rate, V/μs
SR
0,75
0,75
POWER SUPPLY
Operating Range, V
± 2,3
± 18
± 2,3
± 18
Quiscent Current, mA
Icc+, Icc-
1,6
1,6
Overtemperature
1,9
1,9
¹ ) Does not include effects of external resistor RG.
² ) One input grounded. G= 1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com