Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3046 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3046
Description  NPN Transistor Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3046 Datasheet(HTML) 1 Page - JSC ALFA.

  AS3046 Datasheet HTML 1Page - JSC ALFA. AS3046 Datasheet HTML 2Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.1
1
AS3046
AS3046 NPN Transistor Array
Features
Applications
AS3046D
• matched pair of npn transistors
• VBE matched less than ±1 mV
• 5 general purpose monolithic transistors
• wide operating current range
• filters
• custom designed differential amplifiers
• temperature compensated amplifiers
SOIC-14 150mil
1,27mm pitch
General Description
The AS3046 consists of five general purpose silicon NPN transistors on a common monolithic substrate. Two of
the transistors are internally connected to form a differentially-connected pair. The transistors are well suited to
a wide variety of applications in low power system. They may be used as discrete transistors in conventional
circuits however, in addition, they provide the very significant inherent integrated circuit advantages of close
electrical and thermal matching. The AS3046 is supplied in a 14-lead plastic SOIC-14(150Mil) package.
Connection Diagram
Pin Information SOIC-14
Top View
2
1
3
4
5
6
7
14
13
12
11
10
9
8
DIFFERENTIAL
PAIR
SUBSTRATE
Q1
Q2
Q5
Q4
Q3
Pin
number
Description
Pin
number
Description
1
Collector1
8
Collector3
2
Base1
9
Base4
3
Emitter1,2
10
Emitter4
4
Base2
11
Collector4
5
Collector2
12
Base5
6
Base3
13
Emitter5
(Substrate)
7
Emitter3
14
Collector5
AS3046D
SOIC-14 (150mil)
Absolute Maximum Ratings
Each
Transistor
Total
Package
Units
Power Dissipation
200
500
mW
Collector-Emitter Voltage, UCEO
30
V
Collector-Base Voltage, UCBO
50
V
Collector-Substrate Voltage, UCIO
(Note 1)
50
V
Emitter-Base Voltage, UEBO
5
V
Collector-Current, IC
30
mA
Thermal Information
Thermal Resistance (Typical, Note 2)
JA (oC/W)
JC (oC/W)
SOIC Package
220
N/A
NOTES:
1.
The collector of each transistor of the AS3046 is isolated from the substrate by an integral diode.
The substrate (Terminal 13) must be connected to the most negative point in the external circuit to maintain isolation
between transistors and to provide for normal transistor action.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
.


Similar Part No. - AS3046

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
AS30-100K-RC ALLIED-AS30-100K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS30-100K-RC ALLIED-AS30-100K-RC Datasheet
912Kb / 1P
Axial Shielded Inductors
AS30-100K-RC ALLIED-AS30-100K-RC Datasheet
912Kb / 1P
Axial Shielded Inductors
AS30-101K-RC ALLIED-AS30-101K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS3046

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT3904S SIEMENS-SMBT3904S Datasheet
79Kb / 8P
NPN Silicon Switching Transistor Array
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
60Kb / 7P
High Frequency NPN Transistor Array
August 1996
logo
Infineon Technologies A...
BC817U INFINEON-BC817U Datasheet
45Kb / 4P
NPN Silicon Transistor Array
Nov-29-2001
BC847S INFINEON-BC847S Datasheet
57Kb / 6P
NPN Silicon AF Transistor Array
Nov-29-2001
BCR119S INFINEON-BCR119S Datasheet
43Kb / 4P
NPN Silicon Digital Transistor Array
Nov-29-2001
logo
Intersil Corporation
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
High Frequency NPN Transistor Array
June 5, 2006
logo
Infineon Technologies A...
BCM846S INFINEON-BCM846S_07 Datasheet
91Kb / 9P
NPN Silicon AF Transistor Array
2007-04-26
BCM846SH6327 INFINEON-BCM846SH6327 Datasheet
546Kb / 9P
NPN Silicon AF Transistor Array
2011-10-05
logo
NEC
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN_11 Datasheet
530Kb / 7P
NPN Silicon AF Transistor Array
2011-09-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com