Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3046 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3046
Description  NPN Transistor Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3046 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3046 Datasheet HTML 1Page - JSC ALFA. AS3046 Datasheet HTML 2Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.1
2
AS3046
Electrical performance characteristics (Tj = +25C)
Parameter
Conditions
Min
Typ
Max
Units
Collector to Base Breakdown Voltage (V(BR)CBO)
IC = 10
μA, IE = 0
50
V
Collector to Emitter Breakdown Voltage (V(BR)CEO)
IC = 100
μA, IB = 0
30
V
Collector to Substrate Breakdown Voltage (V(BR)CIO)
IC = 10
μA, ICI = 0
50
V
Emitter to Base Breakdown Voltage (V(BR)EBO)
IE = 10
μA, IC = 0
5
6,5
V
Collector Cutoff Current (ICBO)
VCB = 10V, IE = 0
0,002
5
nA
Collector Cutoff Current (ICEO)
VCE = 10V, IB = 0
20
nA
Static Forward Current Transfer Ratio (Static Beta)
(hFE)
VCE=3V, IC=10mA
150
VCE=0V, IC=1 mA
150
VCE=3V, IC=10
μA
140
Input Offset Current for Matched Pair Q1 and Q2
|IO1
− IIO2|
VCE = 3V, IC = 1mA
0,02
1
uA
Base to Emitter Voltage (VBE)
VCE = 3V, IE = 1mA
IE = 10mA
0,75
V
0,8
Magnitude of Input Offset Voltage for Differential
Pair |VBE1
− VBE2|
VCE = 3V, IC = 1mA
0,5
1
mV
Magnitude of Input Offset Voltage for Isolated
Transistors |VBE3
− VBE4|, |VBE4 − VBE5|, |VBE5 − VBE3|
VCE = 3V, IC = 1mA
0,5
1,5
mV
Collector to Emitter Saturation Voltage (VCE(SAT))
IB =1 mA, IC =10mA
0,1
0,15
V
Physical Dimensions in inches (millimeters)
SOIC-14 (150mil)
Revision history
Date
Revision
Changes
20-Nov-2018
1
Preliminary version 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com