Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3280 Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS3280
Description  Dual Operational Transconductance Amplifier (OTA)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3280 Datasheet(HTML) 3 Page - JSC ALFA.

  AS3280 Datasheet HTML 1Page - JSC ALFA. AS3280 Datasheet HTML 2Page - JSC ALFA. AS3280 Datasheet HTML 3Page - JSC ALFA. AS3280 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.1
3
AS3280
AS3280A
Electrical Specifications TA=25
oC, V
SUPPLY=±15V, unless otherwise specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
AS3280
AS3280A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Peak Output Current
IOM+
lABC =
500µА Source
350
410
500
350
410
500
µA
IOM-
Sink
-350
-410
-500
-350
-410
-500
µA
IOM+
lABC =
5µА
Source
3
5
7
3
5
7
µA
IOM-
Sink
-7
-5
-3
-7
-5
-3
µA
Peak Output Current Sink
and Source
IOM-,
IOM+
lABC =
500µА, TA=Full
Temperature Range
350
450
550
350
450
550
µA
Linearization Diodes
ID=100
µА
-
10
-
-
10
-
µA
Offset Current
IIOD
ID=10
µА
-
0,5
1
-
0,5
1
µA
Dynamic Impedance
Rdyn
ID=100
µА
-
700
-
-
700
-
Ω
Diode Network Supply
Current
ISD
lABC =
100µА
250
600
800
250
600
800
µA
Amplifier Supply Current
(Per Amplifier)
I+
lABC =
500µА
-
2
2,5
-
2
2,5
mA
Amplifier Output Leakage
Current
IOL
lABC = 0, Vo = 0V
-
0,015
0,1
-
0,015
0,1
nA
lABC = 0, Vo = 30V
-
0,15
1
-
0,15
1
nA
Common Mode Rejection
Ratio
lABC =
100µА
80
100
-
80
100
-
dB
Power Supply Rejection
Ratio
PSRR
lABC =
100µА
86
105
-
86
105
-
dB
Open Loop Voltage Gain
AOL
lABC =
100µА,
RL =
∞, V
o = 20VP-P
50
100
-
50
100
-
kV/V
94
100
-
94
100
-
dB
Forward Transconductance
GM
lABC =
50µА,
Large Signal
-
0,8
1,2
-
0,8
1,2
mS
gM
lABC = 1mA,
Small Signal
-
16
22
-
16
22
mS
Input Resistance
RI
lABC =
10µА
0,5
-
-
0,5
-
-
MΩ
Channel Separation
f =1kHz
-
94
-
-
94
-
dB
Open Loop Total Harmonic
Distortion
THD
f = 1kHz, lABC=1,5mA,
RL = 15kΩ, Vo =20VP-P
-
0,4
-
-
0,4
-
%
Bandwidth
fT
lABC = 1mA, R= 100
Ω
-
9
-
-
9
-
MHz
Slew Rate, Open Loop
SR
lABC = 10m
А
-
125
-
-
125
-
V/µs
Capacitance
CI
lABC =
100µА
Input
-
4,5
-
-
4,5
-
pF
CO
Output
-
7,5
-
-
7,5
-
pF
Output Resistance
RO
lABC =
100µА
-
63
-
-
63
-
MΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com