Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3280 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3280
Description  Dual Operational Transconductance Amplifier (OTA)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3280 Datasheet(HTML) 1 Page - JSC ALFA.

  AS3280 Datasheet HTML 1Page - JSC ALFA. AS3280 Datasheet HTML 2Page - JSC ALFA. AS3280 Datasheet HTML 3Page - JSC ALFA. AS3280 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.1
1
AS3280
AS3280A
AS3280
– Dual Operational Transconductance Amplifier (OTA)
Features
Applications
• Low Initial Input Offset Voltage: 500 µV (Max) (AS3280A)
• Low Offset Voltage Change vs IABC: <500 µV (Typ)
• Low Offset Voltage Drift: 5µV/°C (Max) (AS3280A)
• Excellent Matching of the Two Amplifiers for All
Characteristics
• Internal Current-Driven Linearizing Diodes Reduce the
External Input Current to an Offset Component
• Flexible Supply Voltage Range
±2V to ±15V
AS3280D, AS3280AD
SOIC-16 150mil, 1.27 mm
• • Voltage Controlled Amplifiers Oscillators
• Multipliers
• • Demodulators
• • Sample and Hold
• • Instrumentation Amplifiers
• • Function Generators
• • Triangle Wave-to-Sine Wave Converters
• • Comparators
• • Audio Preamplifier
General Description
The AS3280 and AS3280A types consist of two variable operational amplifiers that are designed to substantially reduce
the initial input offset voltage and the offset voltage variation with respect to changes in programming current. This design
results in reduced "AGC thump," an objectionable characteristic of many AGC systems. Careful design of critical places of
the circuit reduces the amplifier dependence upon thermal and processing variables.
The AS3280 has all the generic characteristics of an operational voltage amplifier except that the forward transfer
characteristics is best described by transconductance rather than voltage gain, and the output is current, not voltage. The
magnitude of the output current is equal to the product of transconductance and the input voltage. This type of operational
transconductance amplifier has since gained wide acceptance as a gateable, gain controlled building block for
instrumentation and audio applications, such as linearization of transducer outputs, standardization of widely changing
signals for data processing, multiplexing, instrumentation amplifiers operating from the nanopower range to high current and
high speed comparators.
Pin Information
Pinout Top view
SOIC-16
Pin No
Pin
Name
Description
1
ID1
Input current with
linearizing diode 1
2
EM1
Emitter 1
3
IABC1
Amplifier bias
current 1
4
-VEE
Negative supply
5
NC
Not connect
6
IABC2
Amplifier bias
current 2
7
EM2
Emitter 2
8
ID2
Input current with
linearizing diode 2
9
+IN2
Noninverting input1
10
-IN2
Inverting input 2
11
+VCC2
Positive supply 2
12
OUT2
Output 2
13
OUT1
Output 1
14
+VCC1
Positive supply 1
15
-IN1
Inverting input 1
16
+IN1
Noninverting input1
+VCC2
2
1
3
4
5
6
7
12
11
10
9
8
EM2
IABC2
13
14
15
16 +IN1
-IN1
OUT1
OUT2
+IN2
-IN2
-
EE
V
NC
IABC1
A2
A1
ID1
EM1
ID2
+VCC1
Functional diagram of AS3280
1/2 AS3280
16
10
15
9
11
14
12
2
7
13
4
3 6
1
8
2K
2K


Similar Part No. - AS3280

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AS320-12 ASTRODYNE-AS320-12 Datasheet
322Kb / 2P
320W Single Output Switching Power Supply
AS320-13.5 ASTRODYNE-AS320-13.5 Datasheet
322Kb / 2P
320W Single Output Switching Power Supply
AS320-15 ASTRODYNE-AS320-15 Datasheet
322Kb / 2P
320W Single Output Switching Power Supply
AS320-24 ASTRODYNE-AS320-24 Datasheet
322Kb / 2P
320W Single Output Switching Power Supply
AS320-27 ASTRODYNE-AS320-27 Datasheet
322Kb / 2P
320W Single Output Switching Power Supply
More results

Similar Description - AS3280

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com