Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3320 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3320
Description  Voltage controlled filter (VCF)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3320 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3320 Datasheet HTML 1Page - JSC ALFA. AS3320 Datasheet HTML 2Page - JSC ALFA. AS3320 Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2
2018 v.6
AS3320
Electrical Characteristics *
VCC=+15V RF = 100K
TA= 25°C
Parameter
Min.
Typ.
Max.
Units
Gain of Variable Gain Cell at VCFI=0
0.7
1
1,3
Input Bias Current of Frequency Control
Input
0.2
1
1.5
A
Input Impedance of Resonance Signal Input
2.7
3.6
4.5
KΩ
Output Swing At Clipping
10
12
14
V.P.P.
Output voltage DC
1
5
6.5
9
V
Buffer Input Bias Current
±10
±30
±100
nA
Buffer Output Impedance
2
25
50
100
Ω
Voltage at the negative supply pin
3
-2.4
-2.7
-2.9
V
Positive Supply Current, ICC
3.8
5
6.5
mA
Negative Supply Current, IEE
3
8
8.4
8.8
mA
Typical Electrical Characteristics
Parameter
Min.
Typ.
Max.
Units
Pole Frequency Control Range
4
3500:1
10,000:1
-
Sensitivity of Pole Frequency Control Scale,
Midrange
57.5
60
62.5
mV/decade
Tempco of Pole Frequency Control Scale
3000
3300
3600
ppm
Exponential Error of Pole Frequency Control
Scale
5
-
4
12
%
Max Gain of Variable Gain Cell
2.4
3
3.6
Tempco of Variable Gain Cell
6
-
500
1500
ppm
Output Impedance of Gain Cell
6
0.5
1
2
MΩ
Pole Frequency Control Feedthrough
-
60
200
mV
Pole Frequency Warm-up Drift
-
0.5
1.5
%
Gm of Resonance Control Element at
ICR=100µA
0.8
1
1.2
mmhos
Amount of Resonance Obtainable Before
Oscillation
20
30
-
dB
Resonance Control Feedthrough
7
-
0.2
1,5
V
Output Noise re Max Output
8
-76
-86
-
dB
Rejection in Bandreject
73
83
-
dB
Distortion in Passband
9,11
-
0.1
0.3
%
Distortion in Bandreject
10,11
-
0.3
1
%
Distortion of Sine Wave Oscillation
12
-
0.5
1.5
%
Internal Reference Current, IREF
45
63
85
A
Buffer Slew Rate
1.5
3
-
V/
S
Buffer Sink Capability
0.4
0.5
0.63
mA
Positive Supply Range, VCC
+9
-
+18
V
Negative Supply Range, VEE
3
-4
-
-18
V
*) Specifications subject to change without notice.
Note 1: VIN = 0, RC = 91KΩ, RF = 100KΩ
Note 2: VCFI = 0
Note 3: Current limiting resistor always required. REE = (1.5 ÷ 2.2)KΩ
Note 4: -20mV < VCFI < +160mV
Note 5: -16mV < VCFI < +176mV. Most of this error occurs in upper two octaves.
Note 6: V CFI = 0
Note 7: Untrimmed. 0 < ICR < 100µA
Note 8: Filter is connected as low pass and set for 20 KHz cut-off frequency.
Note 9: Output signal is 3dB below clipping point.
Note 10: Output signal is 3dB below passband level, which is 3dB below clipping point. In general, this is
worst case condition.
Note 11: Distortion is predominantly second harmonic.
Note 12: Sinewave is not clipped by first stage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com