Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3320 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3320
Description  Voltage controlled filter (VCF)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3320 Datasheet(HTML) 1 Page - JSC ALFA.

  AS3320 Datasheet HTML 1Page - JSC ALFA. AS3320 Datasheet HTML 2Page - JSC ALFA. AS3320 Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
1
2018 v.6
AS3320
AS3320 - Voltage controlled filter (VCF)
FEATURES
APPLICATIONS
voltage controllable frequency - 12 octave range
voltage controllable resonance - from zero to
oscillation
accurate exponential frequency scale
accurate linear resonance scale
low control voltage feedthrough -45dB typical
filter configurable into LPF, HPF, all pass, etc.
low noise: -86dB typical
low distortion in passband - 0.1% typical
low warm up drift
configurable into low distortion voltage controlled
sine wave oscillator
bandwidth till 800kHz
for electronic music
AS3320
AS3320F
РDIP-18 (300 mil)
QFN-24 4x4mm 0,5mm
General Description
The AS3320 is a high performance voltage controlled four-pole filter with on-chip voltage controllable resonance IC.
The four independent sections may be interconnected to provide a wide variety of filter responses, such as low pass, high
pass, band pass and all pass. A single input exponentially controls the frequency over greater than a ten octave range with
little control voltage feedthrough. Another input controls the resonance in a modified linear manner from zero to low
distortion oscillation. For those demanding applications, provision has been made to allow trimming for improved control
voltage rejection. Each filter section features a variable gain cell which is fully temperature compensated, exhibits a bette r
signal-to-noise ratio and generates its low distortion predominantly in the second harmonic. The device includes a minus
two volt regulator to ensure low power dissipation and consequent low warm-up drift.
Power pad in QFN package highly improves thermal stability of parameters of AS3320F.
Pin Information
Circuit Block and Connection Diagram (PDIP-18)
РDIP-18
Pin No
QFN-24L
Pin No
Pin
Name
Description
1
4
IN1
Input Stage 1
2
5
IN2
Input Stage 2
3
7
GND
Ground
4
8
Cap2
Capacitor Stage 2
5
9
Cap1
Capacitor Stage 1
6
11
Out2
Output Stage 2
7
12
Out1
Output Stage 1
8
14
Vres
Resonance Input
9
15
Ires
Resonance
Control Input
10
16
Out4
Output Stage 4
11
17
Cap4
Capacitor Stage 4
12
19
VCFI
Voltage Control
Frequency Input
13
20
Vee
Negative power
14
22
Vcc
Positive power
15
23
Out3
Output Stage 3
16
24
Cap3
Capacitor Stage 3
17
2
IN3
Input Stage 3
18
3
IN4
Input Stage 4
-
Power
pad
Power
pad
Don’t connect
SIGNAL INPUT
SIGNAL
OUTPUT
FREQ. CNTL.
INPUT
RF
RF
RF
RF
RC
RRC
RC
RC
RI
RRI
100K
220K
100K
100
91K
91K
91K
91K
100K
100K
100K
1,0
-15V
-15V
+15V
18
IN3
Cap3
Out3
Vee
VCFI
Cap4
Out4
REE
(1,5-2,2)K
1,8K
100K
300pF
1
Cap2
Cap1
Out2
Out1
Vres
Ires
CP
CP
CP
300pF
300pF
300pF
51K
3,6K
GM
-1,9V
REG.
B
B
B
B
e
x
C.V.
REJ.
BIAS
RB
RB
RB
A
A
A
A
TOP
VIEW
Vcc
V-
.
.
RESONANCE
CNTL. INPUT
+
IN1
IN2
GND
IN4
Absolute Maximum Ratings
Voltage between Vcc and Vee pins
Voltage between Vcc and GND pins
Voltage between Vee and GND pins
Voltage between Cell Input and GND pins
Voltage between Frequency Control and GND pins
Voltage between Resonance Control and GND pins
Current through any pin
Storage Temperature Range
Operating Temperature Range
+22V, -0,5V
+18V, -0,5V
-4V, -0,5V
+0,5V, -6V
±6V
+2V, -18V
±40mA
- 55
°C to 150°C
-
25°C to 75°C


Similar Part No. - AS3320

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
logo
JSC ALFA.
AS3310 ALFA-AS3310 Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
AS3310D ALFA-AS3310D Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
More results

Similar Description - AS3320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CEM3320 ETC-CEM3320 Datasheet
219Kb / 2P
Voltage Controlled Filter
CEM3328 ETC-CEM3328 Datasheet
186Kb / 2P
FOUR POLE LOW PASS VCF
SSM2044 ETC-SSM2044 Datasheet
127Kb / 4P
4 POLE VOLTAGE CONTROLLED FILTER
SSM2044 ETC-SSM2044 Datasheet
299Kb / 4P
4 POLE VOLTAGE CONTROLLED FILTER
CEM3350 ETC2-CEM3350 Datasheet
224Kb / 2P
Dual Voltage Controlled State Variable Filter
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
JSC ALFA.
AS3350 ALFA-AS3350 Datasheet
287Kb / 2P
Dual Voltage Controlled State Variable Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com