Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3330 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3330
Description  Dual Voltage Controlled Amplifier (VCA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3330 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3330 Datasheet HTML 1Page - JSC ALFA. AS3330 Datasheet HTML 2Page - JSC ALFA. AS3330 Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.5
2
AS3330
Electrical Characteristics
VCC=+15V, Vee= -15V,
TA= 25°C
Parameter, symbol
Conditions
Class (8*)
Min
Typ
Max
Units
1.
2.
3.
4.
5.
Linear Control Scale Error (1*)
Linear Control Range
Exponential Control Scale Error (1*)
Exponential Control Scale Sensitivity
Exponential Control Range( 6*)
0 < Icl < 100 uA (7*)
0
-125
0
2.80
-125
1.5
-
1.0
3.2
-
%/V
dB
dB
mV/dB
dB
6.
Peak Cell Current
input plus output
Class A
Class B
0.8
0.7
1.8
1.2
mA
mA
7.
Cell Current Gain
Vg=0, Icl = 100uA
0.83
0.7
1.2
1.2
8.
Output Voltage Compliance
Icl=Iref
Gain Deviation < 5%
-0.3
13
V
9.
10.
Untrimmed Control Feedthrough
Lin ( 2*)
Untrimmed Control Feedthrough
Exp (2*)
Class A
Class B
Class A
Class B
-5
-0.8
-5
-0.8
5
0.8
5
0.8
u
А
u
А
u
А
u
А
11.
Idle Current
B Ridle = 767K
A Ridle = 68K
Class B
Class A
0.8
80
1.2
120
uA
uA
12.
13.
Signal Control Input Offset Voltage
Linear Control Input Offset Voltage
-15
-7
5
15
mV
mV
14.
Exponential Control Input Current
(7*)
Icl = 100uA
-1.3
1.3
uA
15.
Internal Bias Current at Linear
Control Input (5*)
Class A
Class B
50
25
280
280
nA
nA
16.
Internal Bias Current at Signal
Control Input (5*)
Class A
Class B
0
0
280
280
nA
nA
17.
18.
19.
Positive Supply Current
Supply Current in Negative Supply
Voltage Range (3*)
Icc
Iee
Supply Current in Positive Supply
Voltage Range
Icc
Iee
Vcc=+15V, Vee=-15V
Vcc= +9V, Vee= -18V
Ree = 680
Ω
Vcc=+18V, Vee= -4.5V
Ree = 680
Ω
Class A
Class B
1.5
0.8
1.3
13
0.5
1.2
2.5
2.1
3
20
2
5
m
А
m
А
m
А
m
А
m
А
m
А
Note 1. From current gain of +20dB to -80dB.Max cell current is less than 100uA.
Note 2. Current gain varies from unity to attenuation 110dB.
Note 3. Current limiting resistor required for negative voltages greater than -6 volts.
No
te 4. Class B is defined at an idle current of 1uA±0.2 uA; Class A is at an idle current of 100uA±20uA.
Note 5. In absolute value (ABS).
Note 6. Specified with Control Voltage 13V or 10V with Rce = 25K
Note 7. Icl - linear control input current
Note 8. Not specified class
– Class A
Absolute Maximum Ratings
Voltage between VCC and VEE pins
Voltage between VCC and GND pins
Voltage between VEE and GND pins
Voltage between Output and Distortion Trim
and GND pins
Voltage between all other pins and GND pin
Current through any pin
Storage temperature range
Operating temperature range
+22V, -0,5V
+18V, -0,5V
-6V, -0,5V
+18V, -0,5V
±6V
±40mA
- 55
°C to +150°C
-
25°C to +75°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com