Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3330 Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS3330
Description  Dual Voltage Controlled Amplifier (VCA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3330 Datasheet(HTML) 3 Page - JSC ALFA.

  AS3330 Datasheet HTML 1Page - JSC ALFA. AS3330 Datasheet HTML 2Page - JSC ALFA. AS3330 Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.5
3
AS3330
Device type
Package
AS3330
РDIP-18 (300mil)
AS3330F
QFN-24L (4x4 mm, 0.5 mm)
Package Information
РDIP-18 (300mil)
22.9±0.3
7.62
0.3±0.1
0.5±0.1
2.54
0º~15º
(Units: mm)
.
.
QFN-24 4x4 mm, 0.5 mm
.
4 0.1
Pin 1
indicator
SEATING PLANE
0,92*
SIDE VIEW-1
SIDE VIEW-4
TOP VIEW
SIDE VIEW-2
SIDE VIEW-3
2,70 01
0,50typ.
0,23 0.05(24x)
EXPOSED PAD
CHAMFERED CORNER
FOR PIN 1
IDENTIFICATION
0.3X0.3
7
12
1
6
18
13
24
19
BOTTOM VIEW
Revision history
Date
Revision
Changes
18-Dec-2017
1
Initial version
30-May-2018
2
Minor changes
12-Jun-2018
3
Minor changes
16-Jul-2018
4
Electrical parameters precised
02-Aug-2018
5
Minor changes Connection Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com