Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3345 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3345
Description  Voltage Controlled Oscillator (VCO)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3345 Datasheet(HTML) 1 Page - JSC ALFA.

  AS3345 Datasheet HTML 1Page - JSC ALFA. AS3345 Datasheet HTML 2Page - JSC ALFA. AS3345 Datasheet HTML 3Page - JSC ALFA. AS3345 Datasheet HTML 4Page - JSC ALFA. AS3345 Datasheet HTML 5Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.5
1
AS3340
AS3345
AS3340 / AS3345 - Voltage Controlled Oscillator (VCO)
FEATURES
AS3340
AS3340D
Large Sweep Range: 500,000:1
Fully Temperature Compensated
Four Output Waveforms Available; No waveform
trimming required
Summing Node Inputs for Frequency Control
High Exponential Scale Accuracy
Low Temperature Drift
Voltage Controlled Pulse Width
Hard and Soft Sync Inputs
Linear FM
Buffered, Short Circuit Protected Outputs
±15 Volt Supplies
РDIP-16 (300 mil)
SOIC-16 (150 mil)
AS3345
AS3345F
РDIP-18 (300 mil)
QFN-24 4x4 mm 0,5 mm
APPLICATIONS
for electronic music
General Description
The AS 3340 and AS 3345 are completely self contained, precision voltage controlled oscillators, featuring both exponential
and linear control scales and up to four buffered output waveforms: triangle, sawtooth, square, and pulse with voltage
controllable pulse width. Full temperature compensation makes these VCOs extremely stable, and eliminates the need for a
temperature compensation resistor. The highly accurate exponential and linear control inputs are virtual ground summing nodes,
allowing multiple control voltages to be mixed within the device itself.
Also included is provision for hard and soft synchronization of the frequency, and an output for easy adjustment of high
frequency tracking. Special care in the design ensures oscillation start-up under any power-on sequence and supply conditions.
An on-chip 7.4
volt Zener diode allows the device to operate off ±15 volt supplies, as well as +15,-5 volt supplies. For voltages
greater than -7.5 volts, a series current limiting resistor must be added between pin 3 and the negative supply. Its value is
calculated as follows:
REE = (VEE - 7.4) / .008
To minimize self-heating and improve thermo-stability it is recommended to keep VEE = -5V (external power supply).
Power pad in QFN package highly improves thermal stability of parameters of AS3345F.
AS3340 Pin Information
AS3340 Circuit Block and Connection Diagram
РDIP-16,
SOIC-16
Pin No
Pin
Name
Description
1
Scale 1 Scale Adjust 1
2
Scale 2 Scale Adjust 2
3
VEE
Negative supply
4
VP
Pulse Output
5
VPWM
PWM Control Input
6
VHSI
Hard Synchronization
Input
7
VHFT
High Frequency
Track
8
VSO
Sawtooth Output
9
VSSI
Soft Synchronization
Input
10
VTO
Triangle Output
11
Cap
Capacitor
12
GND
Ground
13
VLFI
Linear FM Input
14
VS
Scale
15
VFCI
Frequency Control
Input
16
VCC
Positive supply
470
10nF
1M
TOP
VIEW
4
5
6
7
8
9
10
11
12
13
14
15
16
1
+15V
2
3
FREQ. CNTL.
INPUTS
LINEAR FM
INPUT
SOFT
SYNC.
INPUT
0V
+5V
+15V
+15V
RR
1.5M
1M
10nF
100nF
RS
1.8K
470
PRECISION
MULTIPLIER
CF
1nF
Q1
A2
- +
V+
CM
CM
+ -
V+
A1
4X
4X
1X
Q3
Q2
1nF
-1.3V
BUF
- +
+ -
14.4K
V+
TRI.
TO
SAW
CONV.
HIGH
FREQ.
TRACK
1nF
20K
HARD
SYNC.
INPUT
P.W.M.
CNTL.
INPUT
0V
+12V
+10V
REE
-15V
820
51K
RT
RZ
10K
24K
5.6K
7.4V
V-
V+
-
+
TEMPCO
GEN
0V


Similar Part No. - AS3345

ManufacturerPart #DatasheetDescription
logo
JSC ALFA.
AS3340-HYB ALFA-AS3340-HYB Datasheet
1Mb / 4P
Voltage Controlled Oscillator (VCO)
More results

Similar Description - AS3345

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVCO55CW-0250-0450 ETC-CVCO55CW-0250-0450 Datasheet
176Kb / 2P
Voltage Controlled Oscillator-VCO
logo
CRYSTEK CORPORATION
CRBV33BE-1823-1903 CRYSTEKMICROWAVE-CRBV33BE-1823-1903 Datasheet
60Kb / 2P
VCO (voltage controlled oscillator).
CRBV33CL-0435-0470 CRYSTEKMICROWAVE-CRBV33CL-0435-0470 Datasheet
58Kb / 2P
VCO (voltage controlled oscillator).
CRBV55BE-1350-1400 CRYSTEKMICROWAVE-CRBV55BE-1350-1400 Datasheet
59Kb / 2P
VCO (voltage controlled oscillator).
CRBV55BE-1530-2900 CRYSTEKMICROWAVE-CRBV55BE-1530-2900 Datasheet
59Kb / 2P
VCO (voltage controlled oscillator).
CVCO55BH-5840-6040 CRYSTEKMICROWAVE-CVCO55BH-5840-6040 Datasheet
167Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-2837-2967 CRYSTEKMICROWAVE-CVCO55CC-2837-2967 Datasheet
159Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-3000-3000 CRYSTEKMICROWAVE-CVCO55CC-3000-3000 Datasheet
193Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO55CC-3237-3385 CRYSTEKMICROWAVE-CVCO55CC-3237-3385 Datasheet
227Kb / 2P
Voltage Controlled Oscillator-VCO
CVCO33CC-4000-4000 CRYSTEKMICROWAVE-CVCO33CC-4000-4000 Datasheet
160Kb / 1P
Voltage Controlled Oscillator-VCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com