Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3345 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3345
Description  Voltage Controlled Oscillator (VCO)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3345 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3345 Datasheet HTML 1Page - JSC ALFA. AS3345 Datasheet HTML 2Page - JSC ALFA. AS3345 Datasheet HTML 3Page - JSC ALFA. AS3345 Datasheet HTML 4Page - JSC ALFA. AS3345 Datasheet HTML 5Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.5
2
AS3340
AS3345
AS3345 Pin Information
AS3345 Circuit Block and Connection Diagram PDIP-18 (QFN-24)
РDIP-18,
Pin No
QFN-24,
Pin No
Pin
Name
Description
1
4
Scale 1
Scale Adjust 1
2
5
Scale 2
Scale Adjust 2
3
7
VEE
Negative supply
4
8
VP
Pulse Output
5
9
VPWM
PWM Control
Input
6
11
VHSI
Hard
Synchronization
Input
7
12
VMO
Meander Output
8
14
VHFT
High Frequency
Track
9
15
VSO
Sawtooth Output
10
16
VSSI
Soft
Synchronization
Input
11
17
VTO
Triangle Output
12
19
Cap
Capacitor
13
20
GND
Ground
14
22
GND
Ground
15
23
VLFI
Linear FM Input
16
24
VS
Scale
17
2
VFCI
Frequency
Control Input
18
3
VCC
Positive supply
-
1,6,10,
13,18,21
NC
Not connected
-
Power
Pad
Power
Pad
Don’t connect
(3)
+15V
17 (2)
FREQ. CNTL.
INPUTS
+15V
470
10nF
1M
TOP
VIEW
PRECISION
MULTIPLIER
+
V+
A1
RT
RZ
10K
24K
5.6K
TEMPCO
GEN
(4)
(5)
(11)
(12)
(9)
(16)
(17)
(19)
(20)
(7)
LINEAR FM
INPUT
SOFT
SYNC.
INPUT
0V
+5V
+15V
RR
1.5M
1M
10nF
100nF
RS
1.8K
470
CF
1nF
Q1
A2
- +
V+
CM
CM
-
4X
4X
1X
Q3
Q2
14.4K
1nF
-1.3V
BUF
- +
+ -
14.4K
V+
TRI.
TO
SAW
CONV.
HIGH
FREQ.
TRACK
1nF
12K
HARD
SYNC.
INPUT
P.W.M.
CNTL.
INPUT
0V
+12V
+10V
REE
-15V
820
51K
7.4V
V-
V+
-
+
0V
B
+15V
-15V
20K
(14)
(24)
(23)
(22)
(8)
(15)
18
16
1
2
9
8
7
6
5
4
3
10
11
12
13
14
15
Output Waveforms
0V
+5V
0V
0V
+12V
+10V
NEGATIVE HARD SYNC.
POSITIVE AND NEGATIVE HARD SYNC.
POSITIVE HARD SYNC.
.
.
Absolute Maximum Ratings
Voltage Between VCC and VEE Pins
Voltage Between VCC and GND Pins
Voltage Between VEE and GND Pins
Current through Any Pin
Voltage Between Frequency Control Pin or
Reference Current Pin and GND Pin
Voltage Between Multiplier Output Pin and
GND Pin
Storage Temperature Range
Operating Temperature Range
+24V, -0,5V
+18V, -0,5V
-6V, +0,5V
±40mA
±6V
+6V, -1V
- 55
°C to 150°C
- 25
°C to 75°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com