Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3394 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS3394
Description  CONTROLLABLE SYNTHESIZER VOICE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3394 Datasheet(HTML) 2 Page - JSC ALFA.

  AS3394 Datasheet HTML 1Page - JSC ALFA. AS3394 Datasheet HTML 2Page - JSC ALFA. AS3394 Datasheet HTML 3Page - JSC ALFA. AS3394 Datasheet HTML 4Page - JSC ALFA. AS3394 Datasheet HTML 5Page - JSC ALFA. AS3394 Datasheet HTML 6Page - JSC ALFA. AS3394 Datasheet HTML 7Page - JSC ALFA. AS3394 Datasheet HTML 8Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AS “АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2
2019 v.1
AS3394E
AS3394E
Electrical Characteristics
PARAMETER
MIN
TYPICAL
MAX
UNITS
VCO Specifications
Frequency Range
12Hz
-
20KHz
CV Input Range
-4.0
-
+4.0
Volts
CV Scale Factor
-0,65
-0,75
-0,85
V/Octave
Exponential Error (<8KHz)
-
0,3
1,0
%
Temperature Coefficient
-500
0
500
ppm
Reference Voltage (pin 1-3)
1,1
1,2
1,3
V
CV Input Current
-
0,3
3
nA
Frequency at CVin = 0.0V
330
500
750
Hz
Sub-oscillator output (D-Trigger RL
=10kΩ):
Maximum voltage output
1,8
2,0
2,2
V
Minimum voltage output
-2,2
-2,0
-1,8
V
Saw-tooth output :
Maximum current output
40
50
60
µA
Minimum current output
-40
-50
-60
µA
WAVE OUTPUT
Maximum current output
70
80
90
µA
Minimum current output
-70
-80
-90
µA
WAVE SHAPER
Waveform Select Thresholds :
-
Pulse
-0,6
-1,0
-1,8
V
-
Triangle
-0,2
-0,35
-0,5
V
-
Triangle + Sawtooth
0,9
1,2
1,5
V
-
Sawtooth
2,3
3,0
3,9
V
Wave Select Input Current
-
-50
-300
nA
PWM
PWM Input Current
-
0,5
5,0
nA
Pulsewidth CV for 0% Pulse
0
-
0,2
V
Pulsewidth for 100% Pulse
1,9
-
2,2
V
Pin Information
Pin
No
Pin Name
Description
Pin
№
Pin Name
Description
1
Iref
Reference Current
13
Mix_Bal
Mixer Balance CV
2
VCO_CF
VCO Input CF
14
VCA2
VCA2 Input 2
3
-Vee
Negative Supply Voltage
15
Filt_Res
Filter Resonance CV
4
Ct
Timing capacitor
16
C1
Filter capacitor 1
5
D-Trig Out
D-Trigger Output
17
C2
Filter capacitor 2
6
Mod_Amt
Filter VCA3 modulation control
18
C3
Filter capacitor 3
7
Wave_Sel
Wave Select CV Input
19
C4
Filter capacitor 4
8
PWM_CV
PWM CV
20
VCF _CV
Filter control voltage
9
Sawtooth Out
Sawtooth Output
21
Cs
Servo-capacitor
10
Wave_Out
Wave Output
22
VCA5_CV
VCA5 gain CV
11
VCA1
VCA1 Input 1
23
VCA5_Out
VCA5 Output
12
GND
Ground
24
+Vcc
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com