Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3394 Datasheet(PDF) 4 Page - JSC ALFA.

Part # AS3394
Description  CONTROLLABLE SYNTHESIZER VOICE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3394 Datasheet(HTML) 4 Page - JSC ALFA.

  AS3394 Datasheet HTML 1Page - JSC ALFA. AS3394 Datasheet HTML 2Page - JSC ALFA. AS3394 Datasheet HTML 3Page - JSC ALFA. AS3394 Datasheet HTML 4Page - JSC ALFA. AS3394 Datasheet HTML 5Page - JSC ALFA. AS3394 Datasheet HTML 6Page - JSC ALFA. AS3394 Datasheet HTML 7Page - JSC ALFA. AS3394 Datasheet HTML 8Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AS “АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
4
2019 v.1
AS3394E
AS3394E
APPLICATION HINTS
POWER SUPPLY
The AS3394E was designed to operate from +5V and -6.5V supplies. The non-standard negative supply was
necessary not to compromise the VCO frequency resolution, which ranges from -4 to +4 volts, in favor of a -5V
supply (this is because there needs to be 4 diode drops for the current mirrors). Any one of the readily
available 3-terminal regulators may be used to supply the -6.5V negative supply. Since the stability and jitter of
the VCO are directly affected by noise on the positive supply, a supply as stable and clean as possible should
be use (not the +5Vdigital supply) Maximum supply allowable across the device is 25 volts.
VCO
The control scale of the VCO is temperature compensated with an internal +3300ppm tempco generator and
multiplier. Thus, as chip temperature changes, the control voltage applied to the exponential generator
changes proportional to temperature, effectively canceling the -3300ppm tempco of the control scale.
The resistor Rt from Pin 1 to the negative supply sets up an internal reference current for the exponential
voltage-to-current converter. Its value and that of timing capacitor Ct determine the nominal initial frequency of
the VCO at zero CV applied. The equation is:
Fout = (Vref)/(Vcc x Rt x Ct)
where Vref is the voltage across pins 1 and 3, nominally 1,2 volts. The other consideration is the current range
of the V to I converter, which is optimized for a range of 300nA to 80
µA. Using 80µA as an upper limit, the
timing capacitor is chosen by:
Ct = (80µA)/(Fmax1 x Vcc)
where Fmax1 is the maximum frequency at the best accuracy (80µA).
In a typical application, suppose the best accuracy is in the range of 32Hz to 8KHz. Thus Fmax1 is 8KHz, and
Ct is calculated to be 2nF. The middle of this range is 500Hz which is set to Fout. Therefore Rt calculates to
240K. Note that since the VCO input range is -4 to +4 volts with a scale factor of 0,75 V/Octave, the VCO will
sweep from 12Hz to 20KHz.
A -5V negative supply can be used if the sweep range is reduced. In this case, Ct = 4nF and Rt = 65K.
Since the VCO was designed to be software adjusted, a simple multiplier was used with slight non-linearity at
its two extremes. Therefore, for best results, it is recommended that the scale factor and scale linearity be
auto-corrected through software means.
Output Saw-tooth Out (pin 9) - saw-tooth signal with an internal VCO frequency span o
f ± 50 μA. This output
can be loaded on a 1 kΩ resistor and the saw-tooth signal can be fed directly to the Ext In1 or Ext In2 inputs,
as well as used for other purposes. The maximum signal voltage at this output should not exceed ± 200 mV.
Output of a Sub-Oscillator (pin 5) - rectangular pulses with the frequency of the internal oscillator VCO divided
by 2 (square wave one octave below the fundamental frequency). The output voltage swing is ± 2 V; this
output can be loaded onto a resistor with a resistance of
at least 10 kΩ. This signal can also be mixed with
other used signals.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com