Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

821-02090F Datasheet(PDF) 3 Page - E&E Magnetic Products Limited

Part # 821-02090F
Description  TRANSFORMER, QUAD, SMD, 16 PIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

821-02090F Datasheet(HTML) 3 Page - E&E Magnetic Products Limited

  821-02090F Datasheet HTML 1Page - E&E Magnetic Products Limited 821-02090F Datasheet HTML 2Page - E&E Magnetic Products Limited 821-02090F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
5
°C
6
7
°C.
. Operating temperature: 0
to +70
.
. Clearance is 4mm minimum and creepage is 5mm minimum.
The part is designed to meet IEC 60950-1 reinforced insulation with working voltage up
to 250Vrms.
ELECTRICAL SPECIFICATION @25 C:
°
Turns Ratio(Primary):(Secondary)
PARAMETERS
UNIT
LIMIT
1:1 ± 2%
0.28 Max
12 Max
350 Min
Per Schematic
0.72 Max
0.48 Max
4000 Min
-
uH
Ω
Ω
pF
uH
-
Vrms
LL(Primary), short Secondary @100KHz, 0.1Vrms
Cww
@100KHz, 0.1Vrms
(Primary):(Secondary)
Inductance(Primary) @100KHz, 0.1Vrms, 8mADC
Polarity(Primary):(Secondary)
DCR(Primary)
DCR(Secondary)
HIPOT(Primary):(Secondary)
Primary
1
6
16
11
2
4
7
15
13
10
3
5
8
14
12
9
SCHEMATIC
Secondary
30 Min
dB
Crosstalk @1-100MHz
DRAWING NO./MODEL
SCALE
PAGE
OF
821-02090F
DO NOT SCALE
5
01
REV
E&E Magnetic Products Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com