Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

821-02090F Datasheet(PDF) 1 Page - E&E Magnetic Products Limited

Part # 821-02090F
Description  TRANSFORMER, QUAD, SMD, 16 PIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

821-02090F Datasheet(HTML) 1 Page - E&E Magnetic Products Limited

  821-02090F Datasheet HTML 1Page - E&E Magnetic Products Limited 821-02090F Datasheet HTML 2Page - E&E Magnetic Products Limited 821-02090F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TITLE
Q.A.
APPROVED BY
PROJ. ENG
DRAWN BY
APPROVALS
DATE
REVISIONS
FIRST RELEASE
DESCRIPTION
ECN NO.
DATE
N/A
11/03/15
01
REV.
1
UNLESS OTHERWISE
SPECIFIED, DIMENSIONS
ARE IN INCH/mm.
WARNING!
INCH
.XXX
.XX
± .005
± .02
mm
.XX
.X
± .13
± .5
ANGLE
X.X
X.
± 0.3
±1
TOLERANCE ARE:
ALL SHEETS OF THIS DOCUMENT ARE
CONTROLLED DOCUMENTATION AND
ARE NOT TO BE RELEASED OUTSIDE
OF E&E OR ITS SUB-CONTRACTORS
WITHOUTAUTHORIZATION.
PART NUMBER
PART DESCRIPTION
821-02090F
When ordering, please add suffix “T” to the part number for tape& reel packaging (330mm reel).
D. YUNG
D. LUO
Y.L. YUNG
Y.L. YUNG
RoHS compliant per EU Directive 2011/65/EU
11/03/15
11/03/15
11/03/15
11/03/15
PAGE4& 5 ARE FOR INTERNAL ONLY
TRANSFORMER, QUAD, SMD, 16 PIN
DRAWING NO./MODEL
SCALE
PAGE
OF
821-02090F
DO NOT SCALE
5
01
REV
E&E Magnetic Products Ltd.


Similar Part No. - 821-02090F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
821-02091F EEMAGNETIC-821-02091F Datasheet
49Kb / 3P
TRANSFORMER, WIDEBAND, SMD,
821-02092F EEMAGNETIC-821-02092F Datasheet
67Kb / 3P
TRANSFORMER, THRU HOLE, 8PINS. FOR POWER COMMUNICATIONS(PLC).
821-02093F EEMAGNETIC-821-02093F Datasheet
66Kb / 3P
TRANSORMER, THRU HOLE, 8PINS. FOR POWER COMMUNICATIONS
821-02095F EEMAGNETIC-821-02095F Datasheet
53Kb / 3P
TRANSFORMER, SINGLE, SMD,6 PIN, EXT TEMP
821-02098F EEMAGNETIC-821-02098F Datasheet
52Kb / 3P
TRANSFORMER, SINGLE, SMD,6 PIN, EXT TEMP
More results

Similar Description - 821-02090F

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-50515G RHOMBUS-IND-T-50515G Datasheet
32Kb / 1P
Pulse Transformer Quad 16-Pin DIP
05/01/96
logo
Bothhand USA, LP.
40ST1011L BOTHHAND-40ST1011L Datasheet
69Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041B BOTHHAND-40ST1041B Datasheet
40Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041D BOTHHAND-40ST1041D Datasheet
42Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
logo
E&E Magnetic Products L...
821-02015F EEMAGNETIC-821-02015F Datasheet
66Kb / 3P
TRANSFORMER, 10BASE-T, QUAD RX,SOIC, 16 PIN
821-02079F EEMAGNETIC-821-02079F Datasheet
75Kb / 3P
TRANSFORMER, FOR ETHERNET (AUI TRANSFORMER), SMD, 16 PIN
824-00506F EEMAGNETIC-824-00506F Datasheet
75Kb / 3P
TRANSFORMER, 100BASE-T, SINGLE,SMD, 16 PIN
824-00515F EEMAGNETIC-824-00515F Datasheet
81Kb / 3P
TRANSFORMER, 100BASE-T, SINGLE,SMD, 16 PIN, EXT. TEMP.
824-00524F EEMAGNETIC-824-00524F Datasheet
71Kb / 3P
TRANSFORMER, 100BASE-T, SINGLE,SMD, 16 PIN, EXT. TEMP.
A24-00007F EEMAGNETIC-A24-00007F Datasheet
69Kb / 3P
TRANSFORMER, 100BASE-T, SINGLE,SMD, 16 PIN, EXT. TEMP.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com