Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP08N120P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP08N120P
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP08N120P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP08N120P Datasheet HTML 1Page - IXYS Corporation IXTP08N120P Datasheet HTML 2Page - IXYS Corporation IXTP08N120P Datasheet HTML 3Page - IXYS Corporation IXTP08N120P Datasheet HTML 4Page - IXYS Corporation IXTP08N120P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA08N120P
IXTP08N120P
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note:
1. Pulse test, t  300s, duty cycle, d  2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 30V, ID = 0.5 • ID25, Note 1
0.38
0.63
S
C
iss
333
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
20
pF
C
rss
4.7
pF
Q
g(on)
14.0
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
2.0
nC
Q
gd
8.2
nC
t
d(on)
20
ns
t
r
26
ns
t
d(off)
55
ns
t
f
24
ns
R
thJC
2.5
C/W
R
thCS
TO-220
0.50
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 50 (External)
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
0.8
A
I
SM
Repetitive, Pulse Width Limited by T
JM
2.4
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
900
ns
I
F = 0.8A, -di/dt = 100A/μs, VR = 100V
TO-220 Outline
1 - Gate
2,4 - Drain
3 - Source
E1
E
A
D1
D
Q
L1
oP
H1
A1
L
A2
D2
e
c
e1
e1
3X b2
e
3X b
EJECTOR
PIN
TO-263 Outline
1 - Gate
2,4 - Drain
3 - Source
C2
A
H
1
b
D
E
D1
E1
b2
L2
L1
2
3
4
L3
A2
A1
e
c
e
0

0.43 [11.0]
0.66 [16.6]
0.06 [1.6]
0.10 [2.5]
0.20 [5.0]
0.34 [8.7]
0.12 [3.0]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com