Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP08N120P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP08N120P
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP08N120P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP08N120P Datasheet HTML 1Page - IXYS Corporation IXTP08N120P Datasheet HTML 2Page - IXYS Corporation IXTP08N120P Datasheet HTML 3Page - IXYS Corporation IXTP08N120P Datasheet HTML 4Page - IXYS Corporation IXTP08N120P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA08N120P
IXTP08N120P
IXYS REF: T_08N120P(1C) 4-02-08-A
Fig. 7. Transconductance
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ID - Amperes
TJ = - 40
oC
125
oC
25
oC
Fig. 8. Forward Voltage Drop of Intrinsic Diode
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.4
0.5
0.6
0.7
0.8
0.9
VSD - Volts
TJ = 125
oC
TJ = 25
oC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
QG - NanoCoulombs
VDS = 600V
I D = 0.4A
I G = 1mA
Fig. 9. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 11. Maximum Transient Thermal Impedance
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com