Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP14N60P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP14N60P
Description  Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP14N60P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP14N60P Datasheet HTML 1Page - IXYS Corporation IXTP14N60P Datasheet HTML 2Page - IXYS Corporation IXTP14N60P Datasheet HTML 3Page - IXYS Corporation IXTP14N60P Datasheet HTML 4Page - IXYS Corporation IXTP14N60P Datasheet HTML 5Page - IXYS Corporation IXTP14N60P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA14N60P IXTP14N60P
IXTQ14N60P
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse test, t
 300s; duty cycle, d  2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25,
Note 1
7
13
S
C
iss
2500
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
215
pF
C
rss
13
pF
t
d(on)
23
ns
t
r
27
ns
t
d(off)
70
ns
t
f
26
ns
Q
g(on)
36
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
16
nC
Q
gd
12
nC
R
thJC
0.42
C/W
R
thCS
(TO-220)
0.50
C/W
(TO-3P
0.25
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
14
A
I
SM
Repetitive, pulse width limited by T
JM
42
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
500
ns
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 10 (External)
I
F = 14A, -di/dt = 100A/s
V
R = 100V, VGS = 0V
TO-263 (IXTA) Outline
TO-220 Outline
1 - Gate
2,4 - Drain
3 - Source
E1
E
A
D1
D
Q
L1
oP
H1
A1
L
A2
D2
e
c
e1
e1
3X b2
e
3X b
EJECTOR
EJECTOR
EJECTOR
EJECTOR
EJECTOR
PIN
PIN
PIN
PIN
PIN
TO-3P Outline
b
S
A
E
D1
b4
A1
L1
E1
+
c
D
0P
b2
A2
0P1
1
2
3
4
+
e
+
PINS: 1 - Gate
2, 4 - Drain
3 - Source



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com