Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP14N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP14N60P
Description  Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP14N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP14N60P Datasheet HTML 1Page - IXYS Corporation IXTP14N60P Datasheet HTML 2Page - IXYS Corporation IXTP14N60P Datasheet HTML 3Page - IXYS Corporation IXTP14N60P Datasheet HTML 4Page - IXYS Corporation IXTP14N60P Datasheet HTML 5Page - IXYS Corporation IXTP14N60P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
600
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
600
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C14
A
I
DM
T
C = 25C, pulse width limited by TJM
42
A
I
A
T
C = 25C
14
A
E
AS
T
C = 25C
900
mJ
P
D
T
C = 25C
300
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting torque (TO-220 &TO-3P)
1.13/10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-3P
5.5
g
DS99329G(10/15)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250A
600
V
V
GS(th)
V
DS = VGS, ID = 250A
3.0
5.5 V
I
GSS
V
GS =  30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J = 125C
100 μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
450 550 m
PolarTM
Power MOSFET
Enhancement Mode
Avalanche Rated
IXTA14N60P
IXTP14N60P
IXTQ14N60P
V
DSS
=
600V
I
D25
=
14A
R
DS(on)

550m
Features
International Standard Packages
Fast Intrinsic Rectifier
Avalanche Rated
Low R
DS(ON) and QG
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-3P (IXTQ)
D
G
S
G D
S
TO-220AB (IXTP)
D (Tab)
G
S
TO-263 AA (IXTA)
D (Tab)
D (Tab)


Similar Part No. - IXTP14N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP14N60P IXYS-IXTP14N60P Datasheet
166Kb / 5P
PolarHVTM Power MOSFET
IXTP14N60P IXYS-IXTP14N60P Datasheet
166Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
logo
Inchange Semiconductor ...
IXTP14N60P ISC-IXTP14N60P Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTP14N60PM IXYS-IXTP14N60PM Datasheet
122Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
logo
Inchange Semiconductor ...
IXTP14N60PM ISC-IXTP14N60PM Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP14N60P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM14600AA ETC1-ELM14600AA Datasheet
286Kb / 7P
Complementary Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTN3N60CI3 CYSTEKEC-MTN3N60CI3 Datasheet
506Kb / 10P
Channel Enhancement Mode Power MOSFET
logo
SeCoS Halbleitertechnol...
SSG3110 SECOS-SSG3110 Datasheet
366Kb / 4P
Dual- Enhancement Mode Power MOSFET
SSM1K2N20 SECOS-SSM1K2N20 Datasheet
434Kb / 4P
-Channel Enhancement Mode Power MOSFET
SSG3215B-C SECOS-SSG3215B-C Datasheet
729Kb / 4P
Dual-$ Enhancement Mode Power MOSFET
logo
Shanghai Leiditech Elec...
BSS138 LEIDITECH-BSS138 Datasheet
1,006Kb / 3P
Plastic-Enhancement Mode Power MOSFET
LM1D2N7002K LEIDITECH-LM1D2N7002K Datasheet
1Mb / 5P
Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM2302 AITSEMI-AM2302 Datasheet
1Mb / 9P
MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.1
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3407 AITSEMI-AM3407 Datasheet
698Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com