Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTU4N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTU4N60P
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTU4N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTU4N60P Datasheet HTML 1Page - IXYS Corporation IXTU4N60P Datasheet HTML 2Page - IXYS Corporation IXTU4N60P Datasheet HTML 3Page - IXYS Corporation IXTU4N60P Datasheet HTML 4Page - IXYS Corporation IXTU4N60P Datasheet HTML 5Page - IXYS Corporation IXTU4N60P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
DS99423F(6/17)
IXTU4N60P
IXTY4N60P
IXTA4N60P
IXTP4N60P
V
DSS
= 600V
I
D25
= 4A
R
DS(on)
 2
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
600
V
V
GS(th)
V
DS = VGS, ID = 100μA
3.0
5.5
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
1
A
T
J = 125C
50
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
2
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
600
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
600
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C4
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
10
A
I
A
T
C = 25C4
A
E
AS
T
C = 25C
150
mJ
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
10
V/ns
P
D
T
C = 25C90
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263 & TO-251)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in
Weight
TO-251
0.40
g
TO-252
0.35
g
TO-263
2.50
g
TO-220
3.00
g
G = Gate
D
= Drain
S = Source
Tab = Drain
G D
S
TO-220 (IXTP)
D (Tab)
TO-252 (IXTY)
G
S
TO-263 (IXTA)
G
D (Tab)
S
D (Tab)
TO-251 (IXTU)
D (Tab)
G
S
D
Features
International Standard Packages
Low Q
G
Avalanche Rated
Low Package Inductance
Fast Intrinsic Rectifier
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Switch-Mode and Resonant-Mode
Power Supplies
AC and DC Motor Drives
Discharge Circiuts in Lasers, Spark
Igniters, RF Generators

High Voltage Pulse Power
Applications
PolarTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
OBSOLETE
IXTY4N60P
IXTA4N60P
IXTP4N60P


Similar Part No. - IXTU4N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTU4N60P IXYS-IXTU4N60P Datasheet
147Kb / 5P
PolarHV Power MOSFET
logo
Inchange Semiconductor ...
IXTU4N60P ISC-IXTU4N60P Datasheet
315Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTU4N60P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com