Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTU4N60P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTU4N60P
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTU4N60P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTU4N60P Datasheet HTML 1Page - IXYS Corporation IXTU4N60P Datasheet HTML 2Page - IXYS Corporation IXTU4N60P Datasheet HTML 3Page - IXYS Corporation IXTU4N60P Datasheet HTML 4Page - IXYS Corporation IXTU4N60P Datasheet HTML 5Page - IXYS Corporation IXTU4N60P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTU4N60P
IXTY4N60P
IXTA4N60P
IXTP4N60P
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Note 1. Pulse test, t
 300s, duty cycle, d 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
2.8
4.6
S
C
iss
635
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
65
pF
C
rss
5.7
pF
Q
g(on)
13
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
6
nC
Q
gd
4
nC
t
d(on)
25
ns
t
r
10
ns
t
d(off)
50
ns
t
f
20
ns
R
thJC
1.4
C/W
R
thCS
TO-220
0.50
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 30 (External)
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
4
A
I
SM
Repetitive, Pulse Width Limited by T
JM
12
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
500
ns
I
F = 4A, -di/dt = 100A/μs, VR = 100V
OBSOLETE
IXTY4N60P
IXTA4N60P
IXTP4N60P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com