Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY1N120P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTY1N120P
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY1N120P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTY1N120P Datasheet HTML 1Page - IXYS Corporation IXTY1N120P Datasheet HTML 2Page - IXYS Corporation IXTY1N120P Datasheet HTML 3Page - IXYS Corporation IXTY1N120P Datasheet HTML 4Page - IXYS Corporation IXTY1N120P Datasheet HTML 5Page - IXYS Corporation IXTY1N120P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
IXTY1N120P
IXTA1N120P
IXTP1N120P
Fig. 1. Output Characteristics @ TJ = 25
oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
7V
6V
5V
Fig. 2. Output Characteristics @ TJ = 125
oC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
30
35
40
VDS - Volts
VGS = 10V
6V
5V
Fig. 3. RDS(on) Normalized to ID = 0.5A Value vs.
Junction Temperature
0.4
0.8
1.2
1.6
2.0
2.4
2.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 1.0A
I D = 0.5A
Fig. 4. RDS(on) Normalized to ID = 0.5A Value vs.
Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
ID - Amperes
VGS = 10V
TJ = 125
oC
TJ = 25
oC
Fig. 6. Input Admittance
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VGS - Volts
TJ = 125
oC
25
oC
- 40
oC
VDS = 30V
Fig. 5. Maximum Drain Current vs. Case Temperature
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com