Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY1N120P Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTY1N120P
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY1N120P Datasheet(HTML) 5 Page - IXYS Corporation

  IXTY1N120P Datasheet HTML 1Page - IXYS Corporation IXTY1N120P Datasheet HTML 2Page - IXYS Corporation IXTY1N120P Datasheet HTML 3Page - IXYS Corporation IXTY1N120P Datasheet HTML 4Page - IXYS Corporation IXTY1N120P Datasheet HTML 5Page - IXYS Corporation IXTY1N120P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
IXYS REF: T_1N120P(2A-245) 4-01-08
IXTY1N120P
IXTA1N120P
IXTP1N120P
TO-220 Outline
1 - Gate
2,4 - Drain
3 - Source
E1
E
A
D1
D
Q
L1
oP
H1
A1
L
A2
D2
e
c
e1
e1
3X b2
e
3X b
EJECTOR
PIN
TO-252 AA Outline
1 - Gate
2,4 - Drain
3 - Source
L1
b2
e1
L4
E
A
c2
H
A1
A2
L2
L
A
e
c
0
e1
e1
e1
e1
e1
OPTIONAL
5.55MIN
1.25MIN
6.50MIN
2.28
6.40
BOTTOM
VIEW
2.85MIN
LAND PATTERN RECOMMENDATION
4
1
2
3
4
L3
b3
TO-263 Outline
1 - Gate
2,4 - Drain
3 - Source
C2
A
H
1
b
D
E
D1
E1
b2
L2
L1
2
3
4
L3
A2
A1
e
c
e
0

0.43 [11.0]
0.66 [16.6]
0.06 [1.6]
0.10 [2.5]
0.20 [5.0]
0.34 [8.7]
0.12 [3.0]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com