Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2429P2 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # ACA2429P2
Description  1218 MHz High-Output GaN CATV Power-Doubler Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

ACA2429P2 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  ACA2429P2 Datasheet HTML 1Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 2Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 3Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 4Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 5Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 6Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 7Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 8Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DATA SHEET • ACA2429: 1218 MHz HIGH-OUTPUT GaN CATV POWER DOUBLER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
April 30, 2019 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 204207C
Table 4. ACA2429 Electrical Specifications1,3,4
(TA = +25
C, VDD = +24 VDC, f = 50 to 1218 MHz, 75 Ω System, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Gain3
G
1218 MHz
24.5
25.25
26
dB
Gain flatness to 1218 MHz2,3
± 0.2
dB
Cable equivalent slope3
1
dB
Noise figure
NF
5
dB
Composite triple beat1
CTB
-78
-74
dBc
Composite second order1
CSO
-66
-64
dBc
Composite intermodulation noise1
CIN
-60
-56
dB
Input return loss3
RL
-20
-18
dB
Output return loss3
RL
-20
-18
dB
Thermal resistance
θJC
Junction-to-case slug
2.7
3.3
°C/W
Supply current
400
430
470
mA
1 Parts measured with 79 NTSC analog channels plus digital QAM channels to 1000 MHz, +58 dBmV output power and 15.5 dB tilt referenced to 1 GHz.
2 Peak deviation from a straight line between gain value at 50 MHz and 1218 MHz.
3 Measured in application circuit in Figure 3.
4 All specifications as measured on the Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com