Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2429P2 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # ACA2429P2
Description  1218 MHz High-Output GaN CATV Power-Doubler Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

ACA2429P2 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  ACA2429P2 Datasheet HTML 1Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 2Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 3Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 4Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 5Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 6Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 7Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 8Page - Skyworks Solutions Inc. ACA2429P2 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
204207C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 30, 2019
1
DATA SHEET
ACA2429: 1218 MHz High-Output GaN CATV Power-Doubler
Amplifier
Applications
 Advanced high-power, high-frequency HFC transmission
systems
 Output power doubler for deep fiber node in CATV distribution
 CATV digital edge QAM output driver
Features
 50 to 1218 MHz frequency range
 Output power: +59 dBmV
 Gain: 25 dB at 1218 MHz
 1 dB tilt over bandwidth
 Single +24 V supply
 Operating current: 430 mA
 GaN amplifier technology
 Halogen-free/RoHS compliant
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The ACA2429 is a highly linear, high-output power integrated RF
amplifier designed for CATV head-ends and HFC distribution
systems. The IC consists of two parallel amplifiers that are
optimized for exceptionally low distortion, high-output power, and
high crash-point in a thermally enhanced surface-mount package.
A GaN output stage is incorporated to minimize the operating
(bias) current, thus making this an excellent choice for
environmentally friendly "green" initiatives. The ACA2429
provides high gain over the 50 to 1218 MHz CATV downstream
band, and is cascaded between two transmission line baluns.
A block diagram of the ACA2429 is shown in Figure 1. The device
package and pinout are shown in Figure 2. Signal pin
assignments and functional pin descriptions are described in
Table 1.
RF Input
RF Output
1A
2A
1B
2B
204309-001
Figure 1. ACA2429 Block Diagram


Similar Part No. - ACA2429P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2420 ANADIGICS-ACA2420 Datasheet
540Kb / 10P
24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier
07/2008
logo
Skyworks Solutions Inc.
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2420RS7P0 ANADIGICS-ACA2420RS7P0 Datasheet
540Kb / 10P
24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier
07/2008
ACA2420RS7P2 ANADIGICS-ACA2420RS7P2 Datasheet
540Kb / 10P
24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier
07/2008
logo
Skyworks Solutions Inc.
ACA2420RS7P2 SKYWORKS-ACA2420RS7P2 Datasheet
561Kb / 12P
24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
More results

Similar Description - ACA2429P2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT9988 TRIQUINT-TAT9988_15 Datasheet
793Kb / 11P
CATV GaN Power Doubler MMIC
logo
Skyworks Solutions Inc.
ACA2461 SKYWORKS-ACA2461 Datasheet
540Kb / 10P
1218 MHz CATV CATV Push-Pull Driver Amplifier
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333 Datasheet
338Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
RFCM3328 QORVO-RFCM3328 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
logo
Skyworks Solutions Inc.
ACA1216 SKYWORKS-ACA1216 Datasheet
477Kb / 10P
1218 MHz CATV MMIC Power Doubler
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4789 SKYWORKS-ACA4789 Datasheet
377Kb / 5P
1218 MHz 25 dB Gain CATV Power-Doubler Amplifier
logo
Analog Devices
ADCA3992 AD-ADCA3992 Datasheet
272Kb / 9P
45 MHz to 1218 MHz, CATV Power Doubler Hybrid
1/2020-Revision 0
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com