Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F258 Datasheet(PDF) 80 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 80 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 76Page - Microchip Technology 18F258 Datasheet HTML 77Page - Microchip Technology 18F258 Datasheet HTML 78Page - Microchip Technology 18F258 Datasheet HTML 79Page - Microchip Technology 18F258 Datasheet HTML 80Page - Microchip Technology 18F258 Datasheet HTML 81Page - Microchip Technology 18F258 Datasheet HTML 82Page - Microchip Technology 18F258 Datasheet HTML 83Page - Microchip Technology 18F258 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 78
Preliminary
 2004 Microchip Technology Inc.
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High
---- xxxx
50, 90
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
50, 90
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
50, 88
TMR0H
Timer0 Register High Byte
0000 0000
50, 149
TMR0L
Timer0 Register Low Byte
xxxx xxxx
50, 149
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
50, 149
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0000 q000
30, 50
HLVDCON
VDIRMAG
—
IRVST
HLVDEN
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0-00 0101
50, 267
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0
50, 353
RCON
IPEN
SBOREN(2)
—RI
TO
PD
POR
BOR
0q-1 11q0
50, 127
TMR1H
Timer1 Register High Byte
xxxx xxxx
50, 155
TMR1L
Timer1 Register Low Byte
0000 0000
50, 155
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
50, 151
TMR2
Timer2 Register
1111 1111
50, 158
PR2
Timer2 Period Register
-000 0000
50, 155
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
50, 157
SSPBUF
SSP Receive Buffer/Transmit Register
xxxx xxxx
50, 195
SSPADD
SSP Address Register in I2C Slave Mode. SSP Baud Rate Reload Register in I2C Master Mode.
0000 0000
50, 195
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
50, 197
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
50, 198
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
50, 199
ADRESH
A/D Result Register High Byte
xxxx xxxx
50, 256
ADRESL
A/D Result Register Low Byte
xxxx xxxx
50, 256
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
50, 247
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
--00 0qqq
50, 248
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
50, 249
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
51, 168
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
51, 168
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--xx xxxx
51, 163
ECCPR1H(9)
Enhanced Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
51, 167
ECCPR1L(9)
Enhanced Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
51, 167
ECCP1CON(9)
EPWM1M1
EPWM1M0
EDC1B1
EDC1B0
ECCP1M3
ECCP1M2
ECCP1M1
ECCP1M0
0000 0000
51, 168
BAUDCON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0000
51, 230
ECCP1DEL(9)
PRSEN
PDC6(3)
PDC5(3)
PDC4(3)
PDC3(3)
PDC2(3)
PDC1(3)
PDC0(3)
0000 0000
51, 182
ECCP1AS(9)
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1(3)
PSSBD0(3)
0000 0000
51, 183
CVRCON(9)
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
51, 263
CMCON(9)
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
51, 257
TMR3H
Timer3 Register High Byte
xxxx xxxx
51, 161
TMR3L
Timer3 Register Low Byte
xxxx xxxx
51, 161
T3CON
RD16
T3ECCP1(9)
T3CKPS1
T3CKPS0
T3CCP1(9)
T3SYNC
TMR3CS
TMR3ON
0000 0000
51, 161
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2480/2580/4480/4580) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise it is disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset
(BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X80 devices and are read as ‘0’. Reset values are shown for PIC18F4X80 devices;
individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in INTOSC
Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When
disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X80 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com