Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F258 Datasheet(PDF) 83 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 83 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 79Page - Microchip Technology 18F258 Datasheet HTML 80Page - Microchip Technology 18F258 Datasheet HTML 81Page - Microchip Technology 18F258 Datasheet HTML 82Page - Microchip Technology 18F258 Datasheet HTML 83Page - Microchip Technology 18F258 Datasheet HTML 84Page - Microchip Technology 18F258 Datasheet HTML 85Page - Microchip Technology 18F258 Datasheet HTML 86Page - Microchip Technology 18F258 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 81
PIC18F2480/2580/4480/4580
RXB1D7
RXB1D77
RXB1D76
RXB1D75
RXB1D74
RXB1D73
RXB1D72
RXB1D71
RXB1D70
xxxx xxxx
53, 292
RXB1D6
RXB1D67
RXB1D66
RXB1D65
RXB1D64
RXB1D63
RXB1D62
RXB1D61
RXB1D60
xxxx xxxx
53, 292
RXB1D5
RXB1D57
RXB1D56
RXB1D55
RXB1D54
RXB1D53
RXB1D52
RXB1D51
RXB1D50
xxxx xxxx
53, 292
RXB1D4
RXB1D47
RXB1D46
RXB1D45
RXB1D44
RXB1D43
RXB1D42
RXB1D41
RXB1D40
xxxx xxxx
53, 292
RXB1D3
RXB1D37
RXB1D36
RXB1D35
RXB1D34
RXB1D33
RXB1D32
RXB1D31
RXB1D30
xxxx xxxx
53, 292
RXB1D2
RXB1D27
RXB1D26
RXB1D25
RXB1D24
RXB1D23
RXB1D22
RXB1D21
RXB1D20
xxxx xxxx
53, 292
RXB1D1
RXB1D17
RXB1D16
RXB1D15
RXB1D14
RXB1D13
RXB1D12
RXB1D11
RXB1D10
xxxx xxxx
53, 292
RXB1D0
RXB1D07
RXB1D06
RXB1D05
RXB1D04
RXB1D03
RXB1D02
RXB1D01
RXB1D00
xxxx xxxx
53, 292
RXB1DLC
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
-xxx xxxx
53, 292
RXB1EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
53, 291
RXB1EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
53, 291
RXB1SIDL
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx xxxx
53, 291
RXB1SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
53, 290
RXB1CON
Mode 0
RXFUL
RXM1
RXM0(7)
—(7)
RXRTRRO(7)
FILHIT2(7)
FILHIT1(7)
FILHIT0(7)
000- 0000
53, 287
RXB1CON
Mode 1, 2
RXFUL
RXM1
RTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
0000 0000
53, 287
TXB0D7
TXB0D77
TXB0D76
TXB0D75
TXB0D74
TXB0D73
TXB0D72
TXB0D71
TXB0D70
xxxx xxxx
53, 284
TXB0D6
TXB0D67
TXB0D66
TXB0D65
TXB0D64
TXB0D63
TXB0D62
TXB0D61
TXB0D60
xxxx xxxx
53, 284
TXB0D5
TXB0D57
TXB0D56
TXB0D55
TXB0D54
TXB0D53
TXB0D52
TXB0D51
TXB0D50
xxxx xxxx
54, 284
TXB0D4
TXB0D47
TXB0D46
TXB0D45
TXB0D44
TXB0D43
TXB0D42
TXB0D41
TXB0D40
xxxx xxxx
54, 284
TXB0D3
TXB0D37
TXB0D36
TXB0D35
TXB0D34
TXB0D33
TXB0D32
TXB0D31
TXB0D30
xxxx xxxx
54, 284
TXB0D2
TXB0D27
TXB0D26
TXB0D25
TXB0D24
TXB0D23
TXB0D22
TXB0D21
TXB0D20
xxxx xxxx
54, 284
TXB0D1
TXB0D17
TXB0D16
TXB0D15
TXB0D14
TXB0D13
TXB0D12
TXB0D11
TXB0D10
xxxx xxxx
54, 284
TXB0D0
TXB0D07
TXB0D06
TXB0D05
TXB0D04
TXB0D03
TXB0D02
TXB0D01
TXB0D00
xxxx xxxx
54, 284
TXB0DLC
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
54, 285
TXB0EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
54, 284
TXB0EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
54, 283
TXB0SIDL
SID2
SID1
SID0
—EXIDE
—EID17
EID16
xxx- x-xx
54, 283
TXB0SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
54, 283
TXB0CON
TXBIF
TXABT
TXLARB
TXERR
TXREQ
—
TXPRI1
TXPRI0
0000 0-00
54, 282
TXB1D7
TXB1D77
TXB1D76
TXB1D75
TXB1D74
TXB1D73
TXB1D72
TXB1D71
TXB1D70
xxxx xxxx
54, 284
TXB1D6
TXB1D67
TXB1D66
TXB1D65
TXB1D64
TXB1D63
TXB1D62
TXB1D61
TXB1D60
xxxx xxxx
54, 284
TXB1D5
TXB1D57
TXB1D56
TXB1D55
TXB1D54
TXB1D53
TXB1D52
TXB1D51
TXB1D50
xxxx xxxx
54, 284
TXB1D4
TXB1D47
TXB1D46
TXB1D45
TXB1D44
TXB1D43
TXB1D42
TXB1D41
TXB1D40
xxxx xxxx
54, 284
TXB1D3
TXB1D37
TXB1D36
TXB1D35
TXB1D34
TXB1D33
TXB1D32
TXB1D31
TXB1D30
xxxx xxxx
54, 284
TXB1D2
TXB1D27
TXB1D26
TXB1D25
TXB1D24
TXB1D23
TXB1D22
TXB1D21
TXB1D20
xxxx xxxx
54, 284
TXB1D1
TXB1D17
TXB1D16
TXB1D15
TXB1D14
TXB1D13
TXB1D12
TXB1D11
TXB1D10
xxxx xxxx
54, 284
TXB1D0
TXB1D07
TXB1D06
TXB1D05
TXB1D04
TXB1D03
TXB1D02
TXB1D01
TXB1D00
xxxx xxxx
54, 284
TXB1DLC
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
54, 285
TXB1EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
54, 284
TXB1EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
54, 283
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2480/2580/4480/4580) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise it is disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset
(BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X80 devices and are read as ‘0’. Reset values are shown for PIC18F4X80 devices;
individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in INTOSC
Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When
disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X80 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com