Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTD2012F3C Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APTD2012F3C
Description  2.0 x 1.25 mm Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APTD2012F3C Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APTD2012F3C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012F3C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012F3C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012F3C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAP5544 / 1203015876 Rev No: V.2A Date: 10/12/2018
Page 1 / 4
DESCRIPTION
F3 Made with Gallium Arsenide Infrared Emitting
diodes
FEATURES
2.0 mm x 1.25 mm SMD LED, 1.1 mm thickness
Mechanically and spectrally matched to the
phototransistor
Package: 3000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Infrared Illumination for cameras
Machine vision systems
Surveillance systems
Industrial electronics
IR data transmission
Remote control
PACKAGE DIMENSIONS
SELECTION GUIDE
APTD2012F3C
2.0 x 1.25 mm Infrared Emitting Diode
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Po (mW/sr) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APTD2012F3C
Infrared (GaAs)
Water Clear
2
5
*1.2
*3
40
°
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Radiant Intensity / luminous flux: +/-15%.
* Radiant intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - APTD2012F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APTD2012LCGCK TO-GRACE-APTD2012LCGCK Datasheet
928Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APTD2012LQBC-D KINGBRIGHT-APTD2012LQBC-D Datasheet
309Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APTD2012LQBC-D TO-GRACE-APTD2012LQBC-D Datasheet
928Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APTD2012LQBC/D TO-GRACE-APTD2012LQBC/D Datasheet
928Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
More results

Similar Description - APTD2012F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012SF4C-P22 KINGBRIGHT-AP2012SF4C-P22 Datasheet
645Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APT1608SF4C-P22 KINGBRIGHT-APT1608SF4C-P22 Datasheet
634Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APT2012F3C-P22 KINGBRIGHT-APT2012F3C-P22 Datasheet
636Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APT1608F3C-P22 TO-GRACE-APT1608F3C-P22 Datasheet
1,005Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APT2012F3C TO-GRACE-APT2012F3C Datasheet
802Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APT2012F3C-P22 TO-GRACE-APT2012F3C-P22 Datasheet
1,007Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
AP2012SF4C-P22 TO-GRACE-AP2012SF4C-P22 Datasheet
1Mb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD2012SF4C TO-GRACE-APTD2012SF4C Datasheet
870Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD3216F3C-P22 TO-GRACE-APTD3216F3C-P22 Datasheet
1,000Kb / 4P
3.2 x 1.6 mm Infrared Emitting Diode
logo
Kingbright Corporation
APDA3020F3C-P22 KINGBRIGHT-APDA3020F3C-P22 Datasheet
458Kb / 4P
3.0 x 2.0 mm Infrared Emitting Diode
Rev No: V.1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com