Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAS
Description  6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAS Datasheet(HTML) 4 Page - Texas Instruments

  PTH05050WAS Datasheet HTML 1Page - Texas Instruments PTH05050WAS Datasheet HTML 2Page - Texas Instruments PTH05050WAS Datasheet HTML 3Page - Texas Instruments PTH05050WAS Datasheet HTML 4Page - Texas Instruments PTH05050WAS Datasheet HTML 5Page - Texas Instruments PTH05050WAS Datasheet HTML 6Page - Texas Instruments PTH05050WAS Datasheet HTML 7Page - Texas Instruments PTH05050WAS Datasheet HTML 8Page - Texas Instruments PTH05050WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
For technical support and further information, visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Typical Characteristics
Characteristic Data; Vin =5 V (See Note A)
Efficiency vs Load Current
Power Dissipation vs Load Current
Output Ripple vs Load Current
(See Note 3 to Table)
6-A, 5-V Input Non-Isolated
Wide-Output Adjust Power Module
PTH05050W —5-V Input
SLTS213C – MAY 2003 – REVISED MAY 2004
50
60
70
80
90
100
0123456
Iout - Amps
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
VOUT
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0123456
Iout - Amps
0
10
20
30
40
50
01
23
456
Iout - Amps
2.5 V
3.3 V
1.8 V
1.5 V
1.2 V
1.0 V
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com