Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAS Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAS
Description  6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAS Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH05050WAS Datasheet HTML 8Page - Texas Instruments PTH05050WAS Datasheet HTML 9Page - Texas Instruments PTH05050WAS Datasheet HTML 10Page - Texas Instruments PTH05050WAS Datasheet HTML 11Page - Texas Instruments PTH05050WAS Datasheet HTML 12Page - Texas Instruments PTH05050WAS Datasheet HTML 13Page - Texas Instruments PTH05050WAS Datasheet HTML 14Page - Texas Instruments PTH05050WAS Datasheet HTML 15Page - Texas Instruments PTH05050WAS Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
PTH/PTV Series of Wide-Output Adjust
Power Modules (3.3/5-V Input)
Remote Sense
Products with this feature incorporate an output voltage
sense pin, Vo Sense. A remote sense improves the load
regulation performance of the module by allowing it to
compensate for any ‘IR’ voltage drop between itself and
the load. An IR drop is caused by the high output current
flowing through the small amount of pin and trace resis-
tance. To use this feature simply connect the Vo Sense pin
to the Vout node, close to the load circuit (see data sheet
standard application). If not used, the Vo Sense pin can
be left open-circuit. An internal low-value resistor (15-
Ω
or less) is connected between the Vo Sense and Vout. This
ensures the output voltage remains in regulation.
With the sense pin connected, the difference between
the voltage measured directly between the Vout and GND
pins, and that measured from Vo Sense to GND, is the
amount of IR drop being compensated by the regulator.
This should be limited to a maximum of 0.3 V.
Note: The remote sense feature is not designed to compensate
for the forward drop of non-linear or frequency dependent
components that may be placed in series with the converter
output. Examples include OR-ing diodes, filter inductors,
ferrite beads, and fuses. When these components are enclosed
by the remote sense connection they are effectively placed
inside the regulation control loop, which can adversely affect
the stability of the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com