Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAST
Description  6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAST Datasheet(HTML) 1 Page - Texas Instruments

  PTH05050WAST Datasheet HTML 1Page - Texas Instruments PTH05050WAST Datasheet HTML 2Page - Texas Instruments PTH05050WAST Datasheet HTML 3Page - Texas Instruments PTH05050WAST Datasheet HTML 4Page - Texas Instruments PTH05050WAST Datasheet HTML 5Page - Texas Instruments PTH05050WAST Datasheet HTML 6Page - Texas Instruments PTH05050WAST Datasheet HTML 7Page - Texas Instruments PTH05050WAST Datasheet HTML 8Page - Texas Instruments PTH05050WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For technical support and further information, visit http://power.ti.com
6-A, 5-V Input Non-Isolated
Wide-Output Adjust Power Module
Features
• Up to 6-A Output Current
• 5-V Input Voltage
• Wide-Output Voltage Adjust
(0.8 V to 3.6 V)
• Efficiencies up to 95 %
• 135 W/in³ Power Density
• On/Off Inhibit
• Pre-Bias Startup
• Under-Voltage Lockout
• Operating Temp: –40 to +85 °C
• Auto-Track™ Sequencing
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• IPC Lead Free 2
• Safety Agency Approvals:
UL 1950, CSA 22.2 950, EN60950
VDE (Pending)
• Point-of-Load Alliance (POLA)
Compatible
Auto-Track™
Sequencing
Pin Configuration
Pin
Function
1
GND
2
Track
3Vin
4
Inhibit *
5Vo Adjust
6Vout
* Denotes negative logic:
Open
= Normal operation
Ground = Function active
NOMINAL SIZE =0.87 in x 0.5 in
(22,1 mm x 12,57 mm)
PTH05050W —5-V Input
SLTS213C – MAY 2003 – REVISED MAY 2004
Standard Application
Description
The PTH05050 is one of the smallest
non-isolated power modules from Texas
Instruments that features Auto-Track™.
Auto-Track simplifies supply voltage
sequencing in power systems by enabling
modules to track each other, or any other
external voltage, during power up and
power down.
Although small in size (0.87 in
× 0.5 in),
these modules are rated for up to 6 A of
output current, and are an ideal choice in
applications where space, performance,
and a power-up sequencing capability are
important attributes.
The product provides high-performance
step-down conversion from a 5-V input
bus voltage. The output voltage of the
PTH05050W can be set to any voltage
over the range, 0.8 V to 3.6 V, using a
single resistor.
Other operating features include an
on/off inhibit, output voltage adjust (trim),
and output over-current protection. For
high efficiency these parts employ a
synchronous rectifier output stage, but a
pre-bias hold-off capability ensures that
the output will not sink current during
startup.
Target applications include telecom,
industrial, and general purpose circuits,
including low-power dual-voltage systems
that use a DSP, microprocessor, ASIC, or
FPGA.
Package options include both through-
hole and surface mount configurations.
V
IN
Inhibit
GND
GND
V
OUT
Track
R
SET
1 %, 0.1 W
(Required)
Co
1
100 µF
Electrolytic
(Optional)
C
IN
100 µF
(Required)
Co
2
10 µF
Ceramic
(Optional)
PTH05050W
(Top View)
1
5
2
3
4
6
Rset = Required to set the output voltage to a value
higher than 0.8 V. (See spec. table for values)
Cin = Required 100 µF
Co1 = Optional 100 µF capacitor
Co2 = Optional 10 µF ceramic capacitor for reduced
output ripple.


Similar Part No. - PTH05050WAST

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH05050WAST ARTESYN-PTH05050WAST Datasheet
195Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH05050WAST EMERSON-NETWORKPOWER-PTH05050WAST Datasheet
411Kb / 5P
DC-DC CONVERTERS
logo
Texas Instruments
PTH05050WAST TI-PTH05050WAST Datasheet
1Mb / 22P
6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH05050WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05010W TI-PTH05010W Datasheet
308Kb / 16P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W Datasheet
299Kb / 12P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05050W TI-PTH05050W_07 Datasheet
1Mb / 22P
6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com