Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAST Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAST
Description  6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAST Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH05050WAST Datasheet HTML 5Page - Texas Instruments PTH05050WAST Datasheet HTML 6Page - Texas Instruments PTH05050WAST Datasheet HTML 7Page - Texas Instruments PTH05050WAST Datasheet HTML 8Page - Texas Instruments PTH05050WAST Datasheet HTML 9Page - Texas Instruments PTH05050WAST Datasheet HTML 10Page - Texas Instruments PTH05050WAST Datasheet HTML 11Page - Texas Instruments PTH05050WAST Datasheet HTML 12Page - Texas Instruments PTH05050WAST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
PTH/PTV Series of Wide-Output Adjust
Power Modules (3.3/5-V Input)
Output On/Off Inhibit
For applications requiring output voltage on/off control,
each series of the PTH family incorporates an output
Inhibit control pin. The inhibit feature can be used wher-
ever there is a requirement for the output voltage from
the regulator to be turned off.
Vo (2V/Div)
Iin (2A/Div)
Q1Vds (5V/Div)
HORIZ SCALE: 10ms/Div
PTH05020W
V
IN
1
10
4
5
6
2
3
L
O
A
D
C
IN
1,000 µF
C
OUT
330 µF
1 =Inhibit
GND
GND
V
OUT
9
V
o Sense
8
Q
1
BSS138
R
SET
7
From the moment a valid input voltage is applied, the
soft-start control introduces a short time delay (typically
5 ms-10 ms) before allowing the output voltage to rise.
The output then progressively rises to the module’s set-
point voltage. Figure 3-2 shows the soft-start power-up
characteristic of the 22-A output product (PTH05020W),
operating from a 5-V input bus and configured for a 3.3-V
output. The waveforms were measured with a 5-A resistive
load, with Auto-Track disabled. The initial rise in input
current when the input voltage first starts to rise is the
charge current drawn by the input capacitors. Power-up
is complete within 15 ms.
Over-Current Protection
For protection against load faults, all modules incorporate
output over-current protection. Applying a load that
exceeds the regulator’s over-current threshold will cause
the regulated output to shut down. Following shutdown
a module will periodically attempt to recover by initiating
a soft-start power-up. This is described as a “hiccup” mode
of operation, whereby the module continues in a cycle of
successive shutdown and power up until the load fault is
removed. During this period, the average current flowing
into the fault is significantly reduced. Once the fault is
removed, the module automatically recovers and returns
to normal operation.
Over-Temperature Protection
The PTHxx020 and PTHxx030 series of products have
over-temperature protection. These products have an
on-board temperature sensor that protects the module’s
internal circuitry against excessively high temperatures.
A rise in the internal temperature may be the result of a
drop in airflow, or a high ambient temperature. If the
internal temperature exceeds the OTP threshold, the
module’s Inhibit control is automatically pulled low. This
turns the output off. The output voltage will drop as the
external output capacitors are discharged by the load
circuit. The recovery is automatic, and begins with a
soft-start power up. It occurs when the the sensed tem-
perature decreases by about 10 °C below the trip point.
Note: The over-temperature protection is a last resort mecha-
nism to prevent thermal stress to the regulator. Operation at
or close to the thermal shutdown temperature is not recom-
mended and will reduce the long-term reliability of the module.
Always operate the regulator within the specified Safe Operating
Area (SOA) limits for the worst-case conditions of ambient
temperature and airflow.
Turning Q1 on applies a low voltage to the Inhibit control
and disables the output of the module. If Q1 is then turned
off, the module will execute a soft-start power-up. A
regulated output voltage is produced within 20 msec.
Figure 3-4 shows the typical rise in both the output volt-
age and input current, following the turn-off of Q1. The
turn off of Q1 corresponds to the rise in the waveform,
Q1 Vds. The waveforms were measured with a 5-A load.
Figure 3–4
The power modules function normally when the Inhibit
pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to Vin with
respect to GND.
Figure 3-3 shows the typical application of the inhibit
function. Note the discrete transistor (Q1). The Inhibit
control has its own internal pull-up to Vin potential. The
input is not compatible with TTL logic devices. An open-
collector (or open-drain) discrete transistor is recommended
for control.
Figure 3–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com