Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45450 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45450
Description  2.92mm Female Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45450 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45450 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Material Speciications
Description
Material
Plating
Contact
Beryllium Copper
Gold
Insulation
Ultem1000
Outer Conductor
Passivated Stainless Steel
Body
Passivated Stainless Steel
.
Mechanical Speciication Notes:
Launch Pin is Gold Plated Beryllium Copper
Environmental Speciications
Compliance Certiications (see product page for current document)
Plotted and Other Data
Notes:
PE45450 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 2.92mm Female Connector Clamp Attachment Vertical Launch PCB, Removable Stripline
Launch PE45450
2.92mm Female Connector Clamp Attachment Vertical
Launch PCB, Removable Stripline Launch
PE4 5 4 5 0
RF Conne c t ors
Te c hnic a l Da t a She e t



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com