Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45450 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45450
Description  2.92mm Female Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45450 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45450 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45450 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Coniguration
• 2.92mm Female Connector
• 50 Ohms
• Straight Body Geometry
• Vertical Launch Interface Type
• Clamp Attachment
Features
• Max. Operating Frequency 40 GHz
• Good VSWR of 1.3:1
• Gold Plated Beryllium Copper Contact
• Reusable vertical launch installation
Applications
• General Purpose Test
• PCB Applications
• Signal Integrity Measurement
• Chip Evaluations
• SERDES
• Vertical Launch Test Fixtures
.
Description
Pasternack’s PE45450 2.92mm female connector with clamp attachment for vertical launch PCB is part of our full line of RF
components available for same-day shipping. Our 2.92mm female connector operates up to a maximum frequency of 40 GHz
and ofers good VSWR of 1.3:1.
Our 2.92mm female connector PE45450 datasheet speciications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to conigure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly coniguration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Speciications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.3:1
.
Electrical Speciication Notes:
Actual VSWR performance is largely dependent on circuit board design. For optimal results, the connector and circuit
launch geometry should be modeled using Electromagnetic Simulation tools.
Mechanical Speciications
Size
Length
0.441 in [11.2 mm]
Width/Dia.
0.222 in [5.64 mm]
Height
0.39 in [9.91 mm]
.
.
Mating Cycles
500 Cycles
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 2.92mm Female Connector Clamp Attachment Vertical Launch PCB, Removable Stripline
Launch PE45450
PE45450 REV 1.0
2.92mm Female Connector Clamp Attachment Vertical
Launch PCB, Removable Stripline Launch
RF Conne c t ors
Te c hnic a l Da t a She e t
PE4 5 4 5 0


Similar Part No. - PE45450

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE45450 PSEMI-PE45450 Datasheet
805Kb / 12P
UltraCMOS짰 Power Limiter
More results

Similar Description - PE45450

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
Precision 2.92mm Male to 2.92mm Female Adapter
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
Precision 2.92mm Female to 2.92mm Female Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
2.92mm FEMALE TO MINI SMP FEMALE
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
PE91295 PASTERNACK-PE91295 Datasheet
340Kb / 3P
2.92mm Female to 2.4mm Female Adapter
PE45451 PASTERNACK-PE45451 Datasheet
549Kb / 6P
2.92mm Female Connector
logo
Amphenol SV Microwave
1521-60201 SVMICROWAVE-1521-60201 Datasheet
526Kb / 1P
2.92mm FEMALE SOLDERLESS EDGE LAUNCH CONNECTOR
05/21
1115-6128 SVMICROWAVE-1115-6128 Datasheet
589Kb / 1P
2.92mm FEMALE TO 2.92mm FEMALE STRAIGHT 2 HOLE FLANGE ADAPTER
05/21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com