Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2460 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PA2460
Description  Power Amplifier IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2460 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PA2460 Datasheet HTML 7Page - Princeton Technology Corp PA2460 Datasheet HTML 8Page - Princeton Technology Corp PA2460 Datasheet HTML 9Page - Princeton Technology Corp PA2460 Datasheet HTML 10Page - Princeton Technology Corp PA2460 Datasheet HTML 11Page - Princeton Technology Corp PA2460 Datasheet HTML 12Page - Princeton Technology Corp PA2460 Datasheet HTML 13Page - Princeton Technology Corp PA2460 Datasheet HTML 14Page - Princeton Technology Corp PA2460 Datasheet HTML 15Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PA2460/PA2460-LF Power Amplifier
Page 12
Aug 2008
Typical Characteristics
465MHz,Vcc=6V,Pin=5dBm,Vapc=1.3V
Fig 4.1 Power Output vs. Vcc
Fig 4.2 Power Output vs. Frequency
Fig 4.3 Power Output vs. Power Input
Fig 4.4 Power Output vs. Control Voltage
PA2460 SOP(FD)8L
31.00
31.50
32.00
32.50
33.00
33.50
34.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
Vcc(V)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
Pout(dBm)
Eff(%)
PA2460 SOP(FD)8L
33.10
33.15
33.20
33.25
33.30
33.35
33.40
33.45
458.00 460.00 462.00 464.00 466.00 468.00 470.00 472.00
Freq.(MHz)
46.00
46.20
46.40
46.60
46.80
47.00
47.20
47.40
47.60
47.80
48.00
Pout(dBm)
Eff(%)
PA2460 SOP(FD)8L
20.00
22.00
24.00
26.00
28.00
30.00
32.00
34.00
36.00
-15.00
-10.00
-5.00
0.00
5.00
10.00
15.00
Pin(dBm)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
Pout(dBm)
Eff(%)
PA2460 SOP(FD)8L
-10.00
-5.00
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
Vapc(V)
-10.00
0.00
10.00
20.00
30.00
40.00
50.00
60.00
Pout(dBm)
Eff(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com