Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2460 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PA2460
Description  Power Amplifier IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2460 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PA2460 Datasheet HTML 7Page - Princeton Technology Corp PA2460 Datasheet HTML 8Page - Princeton Technology Corp PA2460 Datasheet HTML 9Page - Princeton Technology Corp PA2460 Datasheet HTML 10Page - Princeton Technology Corp PA2460 Datasheet HTML 11Page - Princeton Technology Corp PA2460 Datasheet HTML 12Page - Princeton Technology Corp PA2460 Datasheet HTML 13Page - Princeton Technology Corp PA2460 Datasheet HTML 14Page - Princeton Technology Corp PA2460 Datasheet HTML 15Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PA2460/PA2460-LF Power Amplifier
Page 13
Aug 2008
Application Circuit
Fig 5
1.L7 > 120nH for RF choking.
2.Use R3 and R4 to adjust diode bias currents for low loss (~0.5dB loss at
1.1mA). And R3 and R4 must be large enough to provide an open to RF.
3.When CTL_TX is high and CTL_RX is low (select TX), then D1 is on and
R5 provides a reverse bias voltage to turn off D2,and thus provides RX/TX
isolation.
4.Since Pout is sensitive to Vapc, it is recommended to use a regulator to pro-
vide the Vapc voltage.
1
2
3
4
56
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
23-Sep-2005
Sheet
of
File:
D:\my documents\client data file\pa2460_eddie\pa2460_eddie.Ddb
Drawn By:
C8
C6
C13
L5
L3
L4
L:616mil W:12mil
C10
C7
C2
C1
L2
L1
RF-IN
PA2460
C3
C4
C5
Vapc
Vcc
Vcc
L6
C11
D1
C14
L7
R3
IN
1
OUT
3
ADJ
2
U1
LM1117
R1
R2
C15
Vcc
C12
Regulator
D2
R5
ANTENNA
R4
CTL_RX
CTL_TX
RX
CTL_TX=HIGH,CTL_RX=LOW,select TX
CTL_TX=LOW,CTL_RX=HIGH,select RX
APC1
1
L1
2
RF_IN
3
VCC
4
L2
5
RF_OUT
6
RF_OUT
7
APC2
8
PA2460
C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com