Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # P6SMB
Description  P6SMB Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

P6SMB Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  P6SMB Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd P6SMB Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd P6SMB Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd P6SMB Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd P6SMB Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
P6SMB Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage
VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Current
IT(mA)
Maximum
Reverse
Leakage
IR
@ VR(μA)
Maximum
Peak Pulse
Current
Ipp(A)
Maximum
Clamping
Voltage
VC
@I pp(V)
BI
UNI
Min .V
Max .V
P6SMB6.8CA
P6SMB6.8A
6V8C
6V8A
5.8
6.45
7.14
10
800
58.1
10.5
P6SMB7.5CA
P6SMB7.5A
7V5C
7V5A
6.4
7.13
7.88
10
500
54.0
11.3
P6SMB 8.2CA
P6SMB8.2A
8V2C
8V2A
7.02
7.79
8.61
10
200
50.4
12.1
P6SMB 9.1CA
P6SMB9.1A
9V1C
9V1A
7.78
8.65
9.55
10
50
45.5
13.4
P6SMB10CA
P6SMB10A
10C
10A
8.55
9.50
10.50
10
10
42.1
14.5
P6SMB11CA
P6SMB11A
11C
11A
9.40
10.50
11.60
1
5
39.1
15.6
P6SMB12CA
P6SMB12A
12C
12A
10.20
11.40
12.60
1
5
36.5
16.7
P6SMB13CA
P6SMB13 A
13C
13A
11.10
12.40
13.70
1
1
33.5
18.2
P6SMB15CA
P6SMB15A
15C
15A
12.80
14.30
15.80
1
1
28.8
21.2
P6SMB16CA
P6SMB16A
16C
16A
13.60
15.20
16.80
1
1
27.1
22.5
P6SMB18CA
P6SMB18A
18C
18A
15.30
17.10
18.90
1
1
24.2
25.2
P6SMB20CA
P6SMB20A
20C
20A
17.10
19.00
21.00
1
1
22.0
27.7
P6SMB22CA
P6SMB22A
22C
22A
18.80
20.90
23.10
1
1
19.9
30.6
P6SMB24CA
P6SMB24A
24C
24A
20.50
22.80
25.20
1
1
18.4
33.2
P6SMB27CA
P6SMB27A
27C
27A
23.10
25.70
28.40
1
1
16.3
37.5
P6SMB30CA
P6SMB30A
30C
30A
25.60
28.50
31.50
1
1
14.7
41.4
P6SMB33CA
P6SMB33A
33C
33A
28.20
31.40
34.70
1
1
13.3
45.7
P6SMB36CA
P6SMB36A
36C
36A
30.80
34.20
37.80
1
1
12.2
49.9
P6SMB39CA
P6SMB39A
39C
39A
33.30
37.10
41.00
1
1
11.3
53.9
P6SMB43CA
P6SMB43A
43C
43A
36.80
40.90
45.20
1
1
10.3
59.3
P6SMB47CA
P6SMB47A
47C
47A
40.20
44.70
49.40
1
1
9.4
64.8
P6SMB51CA
P6SMB51A
51C
51A
43.60
48.50
53.60
1
1
8.7
70.1
P6SMB56CA
P6SMB56A
56C
56A
47.80
53.20
58.80
1
1
7.9
77.0
P6SMB62CA
P6SMB62A
62C
62A
53.00
58.90
65.10
1
1
7.2
85.0
P6SMB68CA
P6SMB68A
68C
68A
58.10
64.60
71.40
1
1
6.6
92.0
P6SMB75CA
P6SMB75A
75C
75A
64.10
71.30
78.00
1
1
5.9
103.0
P6SMB82CA
P6SMB82A
82C
82A
70.10
77.90
86.10
1
1
5.4
113.0
P6SMB91CA
P6SMB91A
91C
91A
77.80
86.50
95.50
1
1
4.9
125.0
P6SMB100CA
P6SMB100A
100C
100A
85.50
95.0
105.0
1
1
4.5
137.0
P6SMB110CA
P6SMB110A
110C
110A
94.00
105.0
116.0
1
1
4.0
152.0
P6SMB120CA
P6SMB120A
120C
120A
102.0
114.0
126.0
1
1
3.7
165.0
P6SMB130CA
P6SMB130A
130C
130A
111.0
124.0
137.0
1
1
3.4
179.0
P6SMB150CA
P6SMB150A
150C
150A
128.0
143.0
158.0
1
1
2.9
207.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com