Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # P6SMB
Description  P6SMB Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

P6SMB Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  P6SMB Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd P6SMB Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd P6SMB Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd P6SMB Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd P6SMB Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
P6SMB Series
www.yint.com.cn
Rev:19.3
3
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage
VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Curren
t
IT(mA)
Maximum
Reverse
Leakage
IR@ VR(μA)
Maximum
Peak Pulse
Current
Ipp(A)
Maximum
Clamping
Voltage
VC@ I
pp
(V)
BI
UNI
Min .V
Max .V
P6SMB160CA
P6SMB160A
160C
160A
136.0
152.0
168.0
1
1
2.8
219.0
P6SMB170CA
P6SMB170A
170C
170A
145.0
162.0
179.0
1
1
2.6
234.0
P6SMB180CA
P6SMB180A
180C
180A
154.0
171.0
189.00
1
1
2.5
246.0
P6SMB200CA
P6SMB200A
200C
200A
171.0
190.0
210.0
1
1
2.2
274.0
I-V Curve Characteristics
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
V RWM
Working Peak Reverse Voltage
I R
Maximum Reverse Leakage Current @V RWM
V BR
Breakdown Voltage @ IT
IT
Test Current
Uni-directional
Bi-directional



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com