Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G00G-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G00G-AE5-R
Description  SINGLE 2-INPUT NAND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G00G-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G00G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC1G00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-401.E
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.65V~1.95V
0.65×VCC
V
VCC=2.3V~2.7V
1.7
V
VCC=3V~3.6V
2
V
High-Level Input Voltage
VIH
VCC=4.5V~5.5V
0.7×VCC
V
VCC=1.65V~1.95V
0.35×VCC
V
VCC=2.3V~2.7V
0.7
V
VCC=3V~3.6V
0.8
V
Low-Level Input Voltage
VIL
VCC=4.5V~5.5V
0.3×VCC
V
VCC=1.65~5.5V, IOH=-100μA
VCC-0.1
V
VCC=1.65V, IOH=-4mA
1.2
V
VCC=2.3V, IOH=-8mA
1.9
V
VCC=3.0V, IOH=-16mA
2.4
V
VCC=3.0V, IOH=-24mA
2.3
V
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-32mA
3.8
V
VCC=1.65~5.5V, IOL=100μA
0.1
V
VCC=1.65V, IOL=4mA
0.45
V
VCC=2.3V, IOL=8mA
0.3
V
VCC=3.0V, IOL=16mA
0.4
V
VCC=3.0V, IOL=24mA
0.55
V
Low-Level Output Voltage
VOL
VCC=4.5V, IOL=32mA
0.55
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=0 ~ 5.5V
±5
μA
Power OFF Leakage Current
IOFF
VIN or VOUT=5.5V, VCC=0V
±10
μA
Quiescent Supply Current
IQ
VIN=VCC or GND, IOUT=0,VCC=1.65~5.5V
10
μA
Additional Quiescent Supply
Current Per Input Pin
∆IQ
VCC=3~5.5V, One input at VCC-0.6V,
Other inputs at VCC or GND
500
μA
Input Capacitance
CI
VCC=3.3V, VIN=VCC or GND
4
pF
SWITCHING CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8±0.15V
2.2
7.2
ns
VCC=2.5±0.2V
0.9
4.4
ns
VCC=3.3±0.3V
0.8
3.8
ns
VCC=5±0.5V
CL=15pF
RL=1MΩ
0.8
3.4
ns
VCC=1.8±0.15V, RL=1KΩ
3.1
9
ns
VCC=2.5±0.2V, RL=500Ω
1.3
5.5
ns
VCC=3.3±0.3V, RL=500Ω
1
4.7
ns
Propagation delay from input
(A or B) to output(Y)
tPLH / tPHL
VCC=5±0.5V, RL=500Ω
CL=30pF
1
4
ns
OPERATING CHARACTERISTICS (f=10MHZ, TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V
22
VCC=2.5V
22
VCC=3.3V
23
Power Dissipation Capacitance
CPD
VCC=5.0V
25
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com