Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G00G-AE5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC1G00G-AE5-R
Description  SINGLE 2-INPUT NAND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G00G-AE5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC1G00G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G00G-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74LVC1G00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-401.E
TEST CIRCUIT AND WAVEFORMS
From Output
CL
RL
Note: CL includes probe and jig capacitance.
All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO = 50Ω.
Inputs
VCC
VIN
tR, tF
VM
CL
RL
1.8V±0.15V
VCC
≤2ns
VCC/2
15pF
1MΩ
2.5V±0.2V
VCC
≤2ns
VCC/2
15pF
1MΩ
3.3V±0.3V
3V
≤2.5ns
1.5V
15pF
1MΩ
5V±0.5V
VCC
≤2.5ns
VCC/2
15pF
1MΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com