Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G34L-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G34L-AL5-R
Description  SINGLE BUFFER GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G34L-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G34L-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G34L-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G34L-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G34L-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G34L-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G34L-AL5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G34
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-124.G
SINGLE BUFFER GATE
DESCRIPTION
The U74LVC1G34 is a single buffer, it provides the function Y = A.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operate From 1.65V to 5.5V
* Inputs Accept Voltages to 5.5V
* IOFF Supports Partial-Power-Down Mode
* Low Power Dissipation
* Max tPD of 3.5 ns at 3.3V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74LVC1G34L-AF5-R
U74LVC1G34G-AF5-R
SOT-25
Tape Reel
U74LVC1G34L-AL5-R
U74LVC1G34G-AL5-R
SOT-353
Tape Reel
MARKING
3C4
3
2
1
4
5
L: Lead Free
G: Halogen Free


Similar Part No. - U74LVC1G34L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G34L-AL5-R UTC-U74LVC1G34L-AL5-R Datasheet
185Kb / 6P
SINGLE BUFFER GATE
More results

Similar Description - U74LVC1G34L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
SINGLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
SINGLE BUFFER GATE
Rev 1
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
SINGLE BUFFER GATE
Rev 3
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
SINGLE BUFFER GATE
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
SINGLE BUS BUFFER GATE
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com