Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC17AG-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC17AG-P14-R
Description  HEX SCHMITT-TRIGGER BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC17AG-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC17AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC17AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC17AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC17AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC17AG-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC17A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-410.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 6.5
V
Input Voltage (Note 2)
VIN
-0.5 ~ 6.5
V
High-Impedance
Power-Off State
-0.5 ~ 6.5
V
High State
Output Voltage (Note 2,3)
Low State
VOUT
-0.5 ~ VCC+0.5
V
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input negative-voltage and output voltage ratings may be exceeded if the input and output current
ratings are observed.
3. The value of VCC is provided in the recommended operating conditions table.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
VCC = 1.65 V
0.70
1.40
V
VCC = 2.3 V
1.00
1.70
V
VCC = 3.0 V
1.30
2.20
V
VCC = 4.5 V
1.90
3.10
V
High-Level Input Voltage
VT
+
VCC = 5.5 V
2.20
3.70
V
VCC = 1.65 V
0.30
0.70
V
VCC = 2.3 V
0.40
1.00
V
VCC = 3.0 V
0.60
1.30
V
VCC = 4.5 V
1.10
2.00
V
Low-Level Input Voltage
VT
-
VCC = 5.5 V
1.40
2.50
V
VCC = 1.65 V
0.30
0.80
V
VCC = 2.3 V
0.40
0.90
V
VCC = 3.0 V
0.40
1.10
V
VCC = 4.5 V
0.60
1.30
V
Hysteresis Voltage
∆VT
VCC = 5.5 V
0.70
1.40
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or Low State
0
VCC
V
Ambient Operating
Temperature
TOPR
-40
85
°C
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com