Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC17AG-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC17AG-P14-R
Description  HEX SCHMITT-TRIGGER BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC17AG-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC17AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC17AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC17AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC17AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC17AG-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC17A
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-410.C
HEX SCHMITT-TRIGGER
BUFFER
DESCRIPTION
The UTC U74LVC17A is a high-performance, low-power,
low-voltage, Si-gate CMOS device and provides six non-inverting
buffers with Schmitt trigger action. It is capable for transforming slowly
changing input signals into sharply defined, jitter-free output signals.
FEATURES
* Operate From 1.65V to 5.5V
* 5 V Tolerant Input/Output For Interfacing With 5 V Logic
*±32 mA Output Drive (VCC =4.5V)
* CMOS Low-Power Consumption And High Noise Immunity
* IOFF Supports Partial-Power-Down Mode Operation
* Latch-Up Performance Exceeds 100 mA
SOP-14
TSSOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74LVC17AL-S14-R
U74LVC17AG-S14-R
SOP-14
Tape Reel
U74LVC17AL-P14-R
U74LVC17AG-P14-R
TSSOP-14
Tape Reel
MARKING
SOP-14
TSSOP-14
UTC
U74LVC17A
2
3
4
5
67
1
9
10
11
12
13
14
Date Code
Lot Code
8
L: Lead Free
G: Halogen Free
U T C
U74LVC17A
2 3 4 5 67
1
9
10
11
12
13
14
Date Code
Lot Code
8
L: Lead Free
G: Halogen Free


Similar Part No. - U74LVC17AG-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC17AG-P14-R UTC-U74LVC17AG-P14-R Datasheet
159Kb / 5P
HEX SCHMITT-TRIGGER BUFFER
U74LVC17AG-P14-R UTC-U74LVC17AG-P14-R Datasheet
171Kb / 6P
HEX SCHMITT-TRIGGER BUFFER
More results

Similar Description - U74LVC17AG-P14-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
Hex Schmitt Trigger
logo
Texas Instruments
SN74AUC17 TI-SN74AUC17 Datasheet
179Kb / 8P
HEX SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
Hex Schmitt Trigger
October, 2006 ??Rev. 7
logo
Unisonic Technologies
U74LVC17A UTC-U74LVC17A Datasheet
159Kb / 5P
HEX SCHMITT-TRIGGER BUFFER
U74LVC17A UTC-U74LVC17A_15 Datasheet
171Kb / 6P
HEX SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Nexperia B.V. All right...
74AHCT17A NEXPERIA-74AHCT17A Datasheet
181Kb / 13P
Hex buffer Schmitt trigger
74AHCV17A NEXPERIA-74AHCV17A Datasheet
739Kb / 14P
Hex buffer Schmitt trigger
74LV17A NEXPERIA-74LV17A Datasheet
189Kb / 14P
Hex buffer Schmitt trigger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com