Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2000 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR2000
Description  SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR2000 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR2000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR2000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR2000 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
OVERVIEW
UPC Code
037332188212
PHYSICAL
Rack Height
42U
Maximum Device Depth (in.)
35
Maximum Device Depth (cm)
88.90
Minimum Device Depth (in.)
22.62
Minimum Device Depth (cm)
57.45
Shipping Dimensions (hwd / in.)
82.68 x 25.75 x 45.50
Shipping Dimensions (hwd / cm)
210.01 x 65.40 x 115.57
Shipping Weight (lbs.)
219.40
Shipping Weight (kg)
99.52
Unit Dimensions (hwd / in.)
77.67 x 23.62 x 39.37
Unit Dimensions (hwd / cm)
197.28 x 59.99 x 100
Unit Weight (lbs.)
169.4
Unit Weight (kg)
76.84
Color
Black
Weight Capacity - Stationary (lbs.)
2000
Weight Capacity - Rolling (lbs.)
1100
Weight Capacity - Stationary (kg)
907
Weight Capacity - Rolling (kg)
499
Maximum Device Depth (mm)
889
Minimum Device Depth (mm)
575
CERTIFICATIONS
Certifications
RoHS; IP20 Protection Rating
Approvals
EIA/ECA-310-E
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com