Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR2000
Description  SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR2000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR2000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR2000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR2000 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SmartRack 42U Value Series Standard-Depth
Rack Enclosure Cabinet
MODEL NUMBER: SR2000
Description
Tripp Lite's SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet is designed for secure,
high density server and networking applications in IT environments. Designed with provisions to integrate
cooling, power distribution and cable management, SmartRack enclosures make ideal homes for mission-
critical equipment. Toolless mounting accessory slots allow quick installation of PDUs and vertical cable
managers. Lightweight locking, modular doors and side panels provide safe, convenient service access.
SmartRack enclosures support cooling, cable management, power distribution and monitoring features
that keep critical servers and network equipment operating nonstop.
Features
Ships fully assembled
q
Ships with flat, locking, front and rear doors, full length side panels, and roof and bottom panels
q
2000 lb stationary / 1100 lb rolling load capacity
q
Rear sets of equipment mounting rails adjust in 3/8" increments.
q
Toolless accessory mounting slots for quick installation of compatible PDUs and vertical cable
managers. Mounting slots are arranged in an industry-standard pattern compatible with a wide variety of
accessories. Each slot can accommodate two vertical PDUs or cable managers side-by-side (four items
per enclosure).
q
Rack Enclosure includes mounting hardware of 40 pieces of M6 cage nuts and 40 pieces of M6 screws
q
Textured powder coat finish for tough resistance to environmental concerns such as deployment in
warehouses.
q
Maximum usable internal depth of 35 inches/889 mm (front to rear rail).
q
Compatibility with airflow optimization accessories as well as cable management accessories.
q
Highlights
42U SmartRack Economy Rack
Enclosure Cabinet with doors,
side, roof and bottom panels
q
4 interior vertical posts with
unthreaded square hole
openings
q
2000 lb stationary / 1100 lb
rolling load capacity
q
Standard 24" (600mm) width
and 40" (1016 mm depth) for
optimizing floor space
q
Includes 40 pieces of M6 cage
nuts and 40 pieces of M6
screws (equipment mounting
hardware)
q
Package Includes
SmartRack 42U Value Series
Standard-Depth Rack Enclosure
Cabinet
q
(1) Key sets for front / rear
doors, and side panels
q
(40) M6 Cage Nuts
q
(40) M6 Screws
q
(40) M6 Nylon Washers
q
(2) Stabilizer brackets
q
Owner's Manual
q
1 / 3


Similar Part No. - SR2000

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR200 LUMINIS-SR200 Datasheet
299Kb / 4P
Ceiling mount
More results

Similar Description - SR2000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UBCL TRIPPLITE-SR42UBCL Datasheet
523Kb / 3P
42U SmartRack Co-Location Standard-Depth Rack Enclosure Cabinet - 2 separate compartments
SR42UBEXP TRIPPLITE-SR42UBEXP Datasheet
485Kb / 3P
42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
SR42UBKD TRIPPLITE-SR42UBKD Datasheet
493Kb / 3P
42U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR42UBMD TRIPPLITE-SR42UBMD Datasheet
515Kb / 4P
42U SmartRack Mid-Depth Rack Enclosure Cabinet with doors & side panels
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SRQP42UB TRIPPLITE-SRQP42UB Datasheet
162Kb / 3P
SmartRack 42U Standard-Depth Quiet Server Rack Enclosure Cabinet with Sound Suppression
SR2400 TRIPPLITE-SR2400 Datasheet
180Kb / 3P
42U SmartRack Value Series Standard-Depth Rack Enclosure Cabinet, 2400-lb. Capacity with doors & side panels
SR42UBG TRIPPLITE-SR42UBG Datasheet
164Kb / 4P
SmartRack 42U Standard-Depth Rack Enclosure Cabinet with Clear Acrylic Window
SR42UW TRIPPLITE-SR42UW Datasheet
166Kb / 4P
42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com