Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05F Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # MB05F
Description  VOLTAGE - 50 TO 1000 VOLTS CURRENT - 0.5 AMPERES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MB05F Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  MB05F Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MB05F Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MB05F Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOLTAGE - 50 TO 1000 VOLTS CURRENT - 0.5 AMPERES
Trustworthy electronic circuit protection expert
MB05~MB10F
www.yint.com.cn
Rev:19.3
1
MB05F~MB10F
Features
●
Glass Passivated Die Construction
●
Low Forward Voltage Drop
●
Low Leakage Current
●
High Forward Surge Capability
●
Designed for Surface Mount Application
●
Plastic Material – UL Flammability 94V-O
Mechanical Date
●
Case: MBF Molded Plastic
●
Terminals: Solder plated, Solderable per J-STD-002B and
JESD22-B102E
●
Polarity: As Marked on body
●
Marking:Type Number
●
Lead Free: For RoHS / Lead Free Version
Major Ratings and Characteristics
IO
0.5 A
VRRM
50 V to 1000 V
IFSM
30 A
IR
5 μA
VF
1.05V
Tj max.
150 °C
Maximum Ratings & Thermal Characteristics (TA = 25 °C unless otherwise noted)
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Items
Symbol
MB05F
MB1F
MB2F
MB4F
MB6F
MB8F
MB10F
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
IF(AV)
0.51)
A
Peak forward surge current 8.3 ms single
half sinewave superimposed on rated load
IFSM
30
A
I2t Rating for Fusing(t<8.3mS)
I2t
3.7
A2S
Thermal resistance from junction to lead1)
RθJL
20
℃
/W
Thermal resistance from junction to
ambient2)
RθJA
75
℃
/W
Operating junction and storage temperature
range
TJ, TSTG
–55 to +150
℃
Note 1: Mounted on glass epoxy PC board with 1.3*1.3mm2 solder pad.
Note 2: Mounted on aluminum substrate PC board with 1.3*1.3mm2 solder pad.


Similar Part No. - MB05F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB05F

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
MD1S DAESAN-MD1S Datasheet
296Kb / 2P
CURRENT 0.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com