Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05F Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # MB05F
Description  VOLTAGE - 50 TO 1000 VOLTS CURRENT - 0.5 AMPERES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MB05F Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  MB05F Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MB05F Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MB05F Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VOLTAGE - 50 TO 1000 VOLTS CURRENT - 0.5 AMPERES
Trustworthy electronic circuit protection expert
MB05~MB10F
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Items
Test
conditions
Symbol
MB05F
MB1F
MB2F
MB4F
MB6F
MB8F
MB10F
UNIT
Instantaneous forward voltage
IF=0.5A3)
VF
1.05
V
Reverse current
TA = 25 ℃
IR
5.0
500
μA
TA = 125 ℃
Typical junction capacitance
4.0V,
1MHz
CJ
13
pF
3):Pulse test: 300μS pulse width,1% duty cycle.
Characteristics Curves (TA=25 ℃ unless otherwise noted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com